Electronic Components Datasheet Search
  English  ▼

X  

LMP78 Datasheet(PDF) 1 Page - GAPTEC Electronic GmbH & Co. KG

Part # LMP78
Description  Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

LMP78 Datasheet(HTML) 1 Page - GAPTEC Electronic GmbH & Co. KG

  LMP78 Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG LMP78 Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG LMP78 Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 1 of 3
LMP78_1.0 – Rev. 2020-1.8
Specifications subject to change without notice.
LMP78_1.0 series
Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
Internal Transient Voltage
Supression (TVS)
Low profile
(L*W*H = 11.6*6.0( 7.5)*10.2)
Wide 4.5V to 42V operating
input range
Compatible with 
LM78 pin-out
Short circuit protection (SCP)
Special outputs available
from 1.2V to 15V
Low ripple/noise and
efficiency up to 97%
Low quiescent current
(no load) 200uA typ.
Switching Regulator (POL)
The LMP78_1.0 series high efficiency switching regulators are ideally
suited to replace LM78xx linear regulators and are pin compatible.
Part Number
Input Voltage
Range [VDC]
Output Voltage
[VDC]
Output Current
[A]
Efficiency
[Vin. min]
Efficiency
[Vin. max]
TVP limited
[Vp-p]
Package
LMP78_1.2-1.0
4.5-42
1.2
1.0
72
63
55
SIP3
LMP78_1.5-1.0
4.5-42
1.5
1.0
77
68
55
SIP3
LMP78_1.8-1.0
4.5-42
1.8
1.0
80
71
55
SIP3
LMP78_2.5-1.0
4.5-42
2.5
1.0
85
77
55
SIP3
LMP78_03-1.0
4.75-42
3.3
1.0
88
81
55
SIP3
LMP78_05-1.0
6.5-42
5
1.0
93
86
55
SIP3
LMP78_6.5-1.0R
8-42
6.5
1.0
93
88
55
SIP3
LMP78_09-1.0R
11-42
9
1.0
95
91
55
SIP3
LMP78_12-1.0R
14-42
12
1.0
97
93
55
SIP3
LMP78_15-1.0R
17-42
15
1.0
97
93
55
SIP3
Example:
LMP78_05-1.0
LMP = Series; 05 = 5Vout; 1.0 = 1.0A
Common specifications
Short circut protection:
Continuous, automatic recovery
Temperature rise at full load:
40°C MAX
Cooling:
Free air convection
Operation temperature range:
-40°C~+85°C
Storage temperature range:
-55°C ~+125°C
Lead temperature:
300°C MAX, 1.5mm from case for 10 sec
Operating case temperature:
110°C MAX
Case thermal impendance:
70°C/W
Temperature coefficient:
-40°C to +85°C ambient
0.02%/°C MAX
Storage humidity range:
< 95%
MTBF (using MIL-HDBK-217F):
+25°C 2844x103 hours
+71°C 2088x103 hours
Packing quantities:
42pcs per Tube
Case material:
Non Conductive Black Plastic UL94-V0
Potting material:
Epoxy UL94-V0
Soldering profile:
265°C/10sec. MAX
Weight:
1.5g
Note:
1. All specifications measured at TA = 25°C, humidity <75%, nominal input voltage
and rated output load unless otherwise specified.
Output specifications
Item
Test conditions
Min
Typ
Max
Units
Output voltage
accuracy
Full load
±2
%
Output current
1.0
A
Output shorted
current limit
Vout= 0VDC
2.0
A
Internal power
dissipation
0.7
W
Line regulation
Vin= min. to max. at
full load
0.4
%
Load regulation
0% to 100% load
0.6
%
Ripple + Noise
20MHz Bandwidth
30
60
mVp-
p
Dynamic load
stability
100%-50% load
±150
mV
Switching frequency
600
KHz
Quiescent current
Vin=min. to max. at
0% load
250
uA
Thermal shutdown
Internal IC junction
150
°C
Max capacitance
load
470
μF


Similar Part No. - LMP78

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
LMP78 GAPTEC-LMP78 Datasheet
423Kb / 2P
Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
LMP78-1.5 GAPTEC-LMP78-1.5 Datasheet
423Kb / 2P
Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
LMP78_03-1.5 GAPTEC-LMP78_03-1.5 Datasheet
423Kb / 2P
Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
LMP78_05-1.5 GAPTEC-LMP78_05-1.5 Datasheet
423Kb / 2P
Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
LMP78_1.5 GAPTEC-LMP78_1.5 Datasheet
423Kb / 2P
Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
More results

Similar Description - LMP78

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
LCN78 GAPTEC-LCN78 Datasheet
356Kb / 2P
Wide Input Non-Isolated & Regulated, Single Output
LME78 GAPTEC-LME78 Datasheet
2Mb / 4P
Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
LMO78 GAPTEC-LMO78 Datasheet
1Mb / 3P
Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
LMO78-1.0 GAPTEC-LMO78-1.0 Datasheet
1Mb / 4P
Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
LMO78-3.0 GAPTEC-LMO78-3.0 Datasheet
717Kb / 3P
Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
LMP78-1.5 GAPTEC-LMP78-1.5 Datasheet
423Kb / 2P
Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
LMS78 GAPTEC-LMS78 Datasheet
1Mb / 3P
Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
LMS78-1.0R GAPTEC-LMS78-1.0R Datasheet
876Kb / 4P
Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
LOS GAPTEC-LOS Datasheet
1Mb / 3P
Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
LOT-16 GAPTEC-LOT-16 Datasheet
683Kb / 3P
Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com