Electronic Components Datasheet Search
  English  ▼

X  

KSN_CE Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # KSN_CE
Description  Plug-in Signal Conditioners K-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

KSN_CE Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  KSN_CE Datasheet HTML 1Page - M-System Co.,Ltd. KSN_CE Datasheet HTML 2Page - M-System Co.,Ltd. KSN_CE Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: KSN
KSN SPECIFICATIONS
ES-3514-CE Rev.9 Page 3/3
https://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm [inch]
3
4
5
6
2
1
8
7
50 (1.97)
103 (4.06)
123 (4.84)
[3.3 (.13)]
40 (1.57)
50 (1.97)
7.8 (.31)
CLAMP
(top & bottom)
DIN RAIL
35mm wide
2–4.5 (.18) dia.
MTG HOLE
15 (.59) deep
8–M3.5
SCREW
• When mounting, no extra space is needed between units.
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Base Socket
+
–
Ch 1. INPUT
3
5
6
+
–
1
2
7
8
+
–
4
+
–
Ch 2. INPUT
Chopper
Buffer
Amplifier
Z
S
Channel 2
Ch 1. OUTPUT
Ch 2. OUTPUT
Inverter
Rectifier
■VOLTAGE OUTPUT
Base Socket
+
–
Ch 1. INPUT
3
+
–
1
2
4
5
6
+
–
Ch 2. INPUT
S
Channel 2
Ch 1. OUTPUT
7
8
+
–
Ch 2. OUTPUT
Inverter
Isolation
Load Effect
Compensation
Z
■CURRENT OUTPUT
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com