Electronic Components Datasheet Search
  English  ▼

X  

KSED Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # KSED
Description  Plug-in Signal Conditioners K-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

KSED Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  KSED Datasheet HTML 1Page - M-System Co.,Ltd. KSED Datasheet HTML 2Page - M-System Co.,Ltd. KSED Datasheet HTML 3Page - M-System Co.,Ltd. KSED Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: KSED
KSED SPECIFICATIONS
ES-3610 Rev.9 Page 1/4
http://www.m-system.co.jp/
Plug-in Signal Conditioners K-UNIT
DC ALARM
(thumbwheel switch adjustment)
Functions & Features
• Providing SPDT relay outputs at preset DC input
levels
• Dual (Hi/Lo) trip
• Thumbwheel switch setpoint adjustments
• Enclosed relays
• High-density mounting
Typical Applications
• Annunciator
• Various alarm applications
50
(1.97)
132
(5.20)
80
(3.15)
mm (inch)
4 4
3 1
MODEL: KSED–[1]1–[2][3]
ORDERING INFORMATION
• Code number: KSED-[1]1-[2][3]
Specify a code from below for each of [1] through [3].
(e.g. KSED-61-K3/UL/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] INPUT
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
Voltage
4: 0 – 10 V DC (Input resistance 1 MΩ min.)
5: 0 – 5 V DC (Input resistance 1 MΩ min.)
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
OUTPUT
Relay; SPDT or transfer contact
SETPOINT ADJUSTMENTS
1: Thumbwheel switch
[2] POWER INPUT
AC Power
K3: 100 – 120 V AC
(Operational voltage range 90 – 132 V, 47 – 66 Hz)
L3: 200 – 240 V AC (Operational voltage range 180 – 264 V,
47 – 66 Hz) (UL not available)
[3] OPTIONS (multiple selections)
Standards & Approvals
blank: CE marking
/UL: UL approval, CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating (UL not available)
TERMINAL SCREW MATERIAL
/S01: Stainless steel (UL not available)
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Setpoint adjustments: Thumbwheel switches (front); 0 – 99
% independently; 1 % increments
Hysteresis (deadband): Approx. 1 %
Front LEDs: Red light turns on when the coil for Hi output is
energized.
Green light turns on when the coil for Lo output is
energized.
Power ON timer: Relays de-energized for approx. 2 seconds
after power is turned on.
INPUT SPECIFICATIONS
■ DC Current:
Shunt resistor attached to the input terminals (0.5 W)
OUTPUT SPECIFICATIONS
■ Relay Contact:
100 V AC @5 A (cos ø = 1)
120 V AC @5 A (cos ø = 1)
240 V AC @2.5 A (cos ø = 1)
30 V DC @5 A (resistive load)


Similar Part No. - KSED

ManufacturerPart #DatasheetDescription
logo
MMD Components
KSED1 MMD-KSED1 Datasheet
99Kb / 1P
Plastic SMD Package
KSED3 MMD-KSED3 Datasheet
99Kb / 1P
Plastic SMD Package
More results

Similar Description - KSED

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
KPRU MSYSTEM-KPRU Datasheet
133Kb / 4P
Plug-in Signal Conditioners K-UNIT
KMM MSYSTEM-KMM Datasheet
93Kb / 3P
Plug-in Signal Conditioners K-UNIT
KFS MSYSTEM-KFS Datasheet
114Kb / 4P
Plug-in Signal Conditioners K-UNIT
KEP MSYSTEM-KEP Datasheet
105Kb / 3P
Plug-in Signal Conditioners K-UNIT
KDY MSYSTEM-KDY Datasheet
100Kb / 3P
Plug-in Signal Conditioners K-UNIT
KBS MSYSTEM-KBS Datasheet
116Kb / 4P
Plug-in Signal Conditioners K-UNIT
KAPU MSYSTEM-KAPU Datasheet
153Kb / 5P
Plug-in Signal Conditioners K-UNIT
KAP MSYSTEM-KAP Datasheet
113Kb / 4P
Plug-in Signal Conditioners K-UNIT
KSP MSYSTEM-KSP Datasheet
104Kb / 3P
Plug-in Signal Conditioners K-UNIT
KSF MSYSTEM-KSF Datasheet
107Kb / 3P
Plug-in Signal Conditioners K-UNIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com