Electronic Components Datasheet Search
  English  ▼

X  

KS2V2 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # KS2V2
Description  Plug-in Signal Conditioners K-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

KS2V2 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  KS2V2 Datasheet HTML 1Page - M-System Co.,Ltd. KS2V2 Datasheet HTML 2Page - M-System Co.,Ltd. KS2V2 Datasheet HTML 3Page - M-System Co.,Ltd. KS2V2 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: KS2V2
KS2V2 SPECIFICATIONS
ES-3608 Rev.10 Page 2/4
https://www.m-system.co.jp/
GENERAL SPECIFICATIONS
Construction: Panel flush mounting, plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel
Housing material: Flame-resistant resin (gray)
Isolation: Input to SET1 to SET2 to power
Time constant for the input filter (P-dF): 0.0 to 900.0 sec. (0
– 63 %)
Alarm relay switching delay time (P-d1, P-d2): 1 to 10 sec.;
programmable independently for each setpoint
Programming: Front key
Setpoint adjustment (ST1, ST2): -5 to +105 %;
programmable independently for each setpoint
Deadband (hysteresis) (HYS1, HYS2): 0 – 102 %;
programmable independently for each setpoint
Burnout: Upscale (standard), downscale (available to
change)
Power ON delay (P-d0): 0 to 20 sec.
Read rate: 0.5 sec.
Alarm mode (P-A1, P-A2): Programmable independently for
each setpoint; See Table below.
Param.
Code
(P-A1)
(P-A2)
Alarm Modes
Trip
Operation
Set Value
Latching
Hold*
Relay & LED
Behavior in
Tripped Conditions
0
No alarm
----
----
----
1
High
Absolute value
Without
LED ON
Coil energized
2
Low
Absolute value
Without
LED ON
Coil energized
3
High
Absolute value
With
LED ON
Coil energized
4
Low
Absolute value
With
LED ON
Coil energized
5
High
Absolute value
Without
LED ON
Coil de-energized
6
Low
Absolute value
Without
LED ON
Coil de-energized
7
High
Absolute value
With
LED ON
Coil de-energized
8
Low
Absolute value
With
LED ON
Coil de-energized
*Without latching hold function, the unit is tripped upon starting operation when
the unit is set to Low alarm.
With the function, the unit is NOT tripped until the temperature goes once above
and then below the setpoint.
DISPLAY
Display: 4 digits of 10 mm (.39”) height, 7-segment LED
Scaling range: -1999 to 9999 counts
Measured Value (PV)/Alarm (SET1) display: Red LEDs
Alarm (SET2) parameter display: Green LEDs
PV display at abnormal input: Over range or under range
displayed
Front LEDs
Power indicator: Green LED turns on while the power is
turned on.
Measured Value (PV) indicator: Green LED turns on when PV
display is set.
Alarm SET1 indicator: Red LED turns on when the Alarm
SET1 is in tripped conditions.
Alarm SET2 Indicator: Red LED turns on when the Alarm
SET2 is in tripped conditions.
Engineering unit indication: Sticker label attached;
DC, AC, W, °C, °F, V, mV, A, mA, %, kW, mW,
kV, kA, kvar, Mvar, var, m, mm, kg, kg/h,
kPa, MPa, N·m, Nm3/h, m3/h, m3/sec, m/sec,
ℓ/min, %RH, ℓ, ℓ/h, t/h, rpm, ppm, pH, Pa.
INPUT SPECIFICATIONS
■ DC Voltage: -5 – +105 %
Input resistance: ≥ 1 MΩ
OUTPUT SPECIFICATIONS
■ Relay Contact: SPDT relays
220 V AC @3 A (cos ø = 1)
30 V DC @3 A (resistive load)
Caution: N.O. and N.C. contacts could be conductive at the
same time. DO NOT connect both contacts at the same
time.
Maximum switching voltage: 220 V AC or 30 V DC
Maximum switching power: 660 VA or 90 W
Minimum load: 10 V DC @1 mA
Mechanical life: 2 × 107 cycles with no loads
For maximum relay life with inductive loads, external
protection is recommended.
INSTALLATION
Power consumption
•AC:
Approx. 3.1 VA at 100 V
Approx. 4.1 VA at 200 V
Approx. 4.8 VA at 264 V
•DC: Approx. 1.7 W
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Panel flush mounting with attached
mounting bracket, surface or DIN rail
Weight: 200 g (0.44 lb)
PERFORMANCE
Display accuracy: ±0.5% FS ±1 digit
Setpoint accuracy: Display accuracy ± 0.1 % FS
Trip point repeatability: Included in the setpoint accuracy
Line voltage effect: Included in the display accuracy
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @1 minute



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com