Electronic Components Datasheet Search
  English  ▼

X  

EMX2 Datasheet(PDF) 1 Page - Rohm

Part # EMX2
Description  General purpose (dual transistors)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMX2 Datasheet(HTML) 1 Page - Rohm

  EMX2 Datasheet HTML 1Page - Rohm EMX2 Datasheet HTML 2Page - Rohm EMX2 Datasheet HTML 3Page - Rohm EMX2 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EMX3 / UMX3N / IMX3
Transistors
Rev.A
1/3
General purpose (dual transistors)
EMX3 / UMX3N / IMX3
Features
1) Two 2SC2412AK chips in a EMT or UMT or SMT
package.
Equivalent circuits
(1)
(2)
(3)
(4)
(5)
(6)
(6)
(5)
(4)
(3)
(2)
(1)
EMX3 / UMX3N
IMX3
Tr2
Tr1
Tr2
Tr1
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
Limits
60
50
7
150
300(TOTAL)
150(TOTAL)
EEMX3 / UMX3N
IMX3
150
−55 to +150
Unit
V
V
V
mA
mW
°C
°C
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
∗1 120mW per element must not be exceeded.
∗2 200mW per element must not be exceeded.
∗1
∗2
Package, marking, and packaging specifications
Type
EMX3
EMT6
X3
T2R
8000
UMX3N
UMT6
X3
TR
3000
IMX3
SMT6
X3
T108
3000
Package
Marking
Code
Basic ordering unit (pieces)
External dimensions (Unit : mm)
UMX3N
Each lead has same dimensions
ROHM : UMT6
EIAJ : SC-88
0.1Min.
2.1
1.25
IMX3
Each lead has same dimensions
ROHM : SMT6
EIAJ : SC-74
0.3Min.
2.8
1.6
Each lead has same dimensions
ROHM : EMT6
EMX3
1.2
1.6
(1)
(2)
(5)
(3)
(6)
(4)


Similar Part No. - EMX2

ManufacturerPart #DatasheetDescription
logo
Rohm
EMX2 ROHM-EMX2 Datasheet
68Kb / 3P
General purpose (dual transistors)
EMX2 ROHM-EMX2 Datasheet
88Kb / 4P
General purpose (dual transistors)
EMX2 ROHM-EMX2 Datasheet
46Kb / 3P
General purpose (dual transistors)
EMX2 ROHM-EMX2 Datasheet
71Kb / 4P
General purpose (dual transistors)
EMX2 ROHM-EMX2 Datasheet
71Kb / 4P
General purpose (dual transistors)
More results

Similar Description - EMX2

ManufacturerPart #DatasheetDescription
logo
Rohm
EMT18 ROHM-EMT18 Datasheet
78Kb / 4P
General purpose transistors (dual transistors)
EMX26 ROHM-EMX26 Datasheet
82Kb / 4P
General purpose transistors (dual transistors)
EMX18 ROHM-EMX18_1 Datasheet
82Kb / 4P
General purpose transistors (dual transistors)
EMT18 ROHM-EMT18_10 Datasheet
716Kb / 4P
General purpose transistors(dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMH2 HTSEMI-EMH2 Datasheet
318Kb / 1P
General purpose transistors (dual transistors)
UMB3N HTSEMI-UMB3N Datasheet
508Kb / 1P
General purpose transistors (dual transistors)
UMF5 HTSEMI-UMF5 Datasheet
616Kb / 2P
General purpose transistors (dual transistors)
UMG3N HTSEMI-UMG3N Datasheet
1Mb / 1P
General purpose transistors (dual transistors)
UMH10N HTSEMI-UMH10N Datasheet
297Kb / 1P
General purpose transistors (dual transistors)
logo
Rohm
IMX1T110 ROHM-IMX1T110 Datasheet
93Kb / 4P
General purpose transistors(dual transistors)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com