Electronic Components Datasheet Search
  English  ▼

X  

LM485EPA Datasheet(PDF) 10 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM485EPA
Description  5V power supply, half duplex
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM485EPA Datasheet(HTML) 10 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Back Button LM485EPA Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM485EPA Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM485EPA Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM485EPA Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM485EPA Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LM485EPA Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LM485EPA Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LM485EPA Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd LM485EPA Datasheet HTML 10Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev :
www.leiditech.com
01.06.2018
10/10
具有±15KV ESD 保护,500kbps 通迅速率,256 节点 RS485/RS422 收发器
LM485ESA
5V 供电 半双工,
DIP8 封装外形尺寸:
符号
最小值
/mm
典型值
/mm
最大值
/mm
A
9.00
9.20
A1
1.474
1.574
A2
0.41
0.51
A3
2.44
2.64
A4
0.51 TYP
A5
0.99 TYP
B
6.10
6.30
C
3.20
3.40
C1
7.10
7.30
C2
0.50 TYP
C3
3.20
3.40
C4
1.47
1.57
D
8.20
8.80
D1
0.244
0.264
D2
7.62
7.87
θ1
17° TYP4
θ2
10° TYP4
θ3
8° TYP4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com