Electronic Components Datasheet Search
  English  ▼

X  

TYNA616 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # TYNA616
Description  Silicon Planar PNPN Thyristor (16A SCR)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

TYNA616 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  TYNA616 Datasheet HTML 1Page - First Silicon Co., Ltd TYNA616 Datasheet HTML 2Page - First Silicon Co., Ltd TYNA616 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MAIN FEATURES
Symbol
value
unit
IT(RMS)
16
A
VDRM/VRRM
600
V
ITSM
A
GENERAL DESCRIPTION
Glass passivated triacs in a plastic envelope ,
intended for use in applications requiring
high bidirectional transient andblocking
voltage capability and high thermal cycling performance.
Typical applications include motor control,
industrial and domestic lighting , heating and static switching.
ABSOLUTE MAXIMUM RATINGS (Ta=25
unless otherwise noted)
e
u
l
a
v
r
e
t
e
m
a
r
a
p
l
o
b
m
y
s
unit
IT(RMS)
RMS on-state current (full sine wave)
D
2 PAK/TO-220
TC=107
℃
16
ITSM
Non repetitive surge peak on-state current (full sine wave, Tj =25
℃)
A
IGM
Peak gate current
2
A
PG(AV)
Average gate power dissipation
Tj=125
℃
0.5
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
-40 to +150
-40 to +125
℃
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Max
Unit
Rated repetitive peak off-state/reverse voltage
VDRM,VRRM
ID=10
μA
600
V
Rated repetitive peak off-state current
IDRM, IRRM
VD=6
V
0
2
10
μA
On-state voltage
VTM
IT=12A
1.7
V
20
mA
Gate trigger current
IGT
VD=12V
RL=100
Ω
1.45
V
Gate trigger voltage
VGT
VD=12V
RL=100
Ω
Holding current
IH
IT =100mA I = 20mA
G
30
mA
℃
130
TO-220A
2. ANODE
3. GATE
1. KATHODE
1
2
3
insulated
Silicon Planar PNPN Thyristor (16A SCR)
130
A
SEMICONDUCTOR
TECHNICAL DATA
TYNA616
2019. 11. 18
1/3
Revision No : 0


Similar Part No. - TYNA616

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TYN05 STMICROELECTRONICS-TYN05 Datasheet
193Kb / 4P
THYRISTORS
TYN0510 STMICROELECTRONICS-TYN0510 Datasheet
58Kb / 4P
SCR
Mar-1995
TYN0512 STMICROELECTRONICS-TYN0512 Datasheet
71Kb / 5P
HIGH SURGE CAPABILITY HIGH ON-STATE CURRENT HIGH STABILITY AND RELIABILITY
Apr-1995
TYN0516 STMICROELECTRONICS-TYN0516 Datasheet
92Kb / 7P
16A SCRs
Apr-2002
TYN054 STMICROELECTRONICS-TYN054 Datasheet
105Kb / 4P
THYRISTORS
Feb-1989
More results

Similar Description - TYNA616

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
PCR0.6 JIANGSU-PCR0.6 Datasheet
525Kb / 3P
Silicon Planar PNPN Thyristor
logo
First Silicon Co., Ltd
C106B FS-C106B Datasheet
516Kb / 2P
Silicon Planar PNPN Thyristor (4A SCR)
C106DB FS-C106DB Datasheet
511Kb / 2P
Silicon Planar PNPN Thyristor (4A SCR)
C106M-Z FS-C106M-Z Datasheet
558Kb / 2P
Silicon Planar PNPN Thyristor (4A SCR)
MCR100-8S FS-MCR100-8S Datasheet
424Kb / 3P
Silicon Planar PNPN Thyristor
TYN610 FS-TYN610 Datasheet
239Kb / 2P
Silicon Planar PNPN Thyristor (10A SCR)
TYN610F FS-TYN610F Datasheet
316Kb / 2P
Silicon Planar PNPN Thyristor (10A SCR)
CP10C60 FS-CP10C60 Datasheet
316Kb / 2P
Silicon Planar PNPN Thyristor (12A SCR)
MCR703A FS-MCR703A Datasheet
550Kb / 2P
Silicon Planar PNPN Thyristor (4A SCR)
2022. 03. 29 Revision No : 0
MCRP8PA-6V FS-MCRP8PA-6V Datasheet
276Kb / 4P
Silicon Planar PNPN Thyristor (0.8A SCR)
2022. 04. 06 Revision No : 0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com