Electronic Components Datasheet Search
  English  ▼

X  

2SC4562 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC4562
Description  Silicon NPN epitaxial planer type(For high-frequency amplification)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC4562 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC4562 Datasheet HTML 1Page - Panasonic Semiconductor 2SC4562 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistor
2SC4562
Silicon NPN epitaxial planer type
For high-frequency amplification
Complementary to 2SA1748
s Features
q
High transition frequency fT.
q
Small collector output capacitance Cob.
q
S-Mini type package, allowing downsizing of the equipment and
automatic insertion through the tape packing and the magazine
packing.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Base
2:Emitter
EIAJ:SC–70
3:Collector
S–Mini Type Package
2.1
±0.1
1.25
±0.1
0.425
0.425
1
3
2
0.2
±0.1
Symbol
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
Ratings
50
50
5
50
150
150
–55 ~ +150
Unit
V
V
V
mA
mW
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Transition frequency
Collector output capacitance
Symbol
ICBO
ICEO
VCBO
VCEO
VEBO
hFE
*
VCE(sat)
fT
Cob
Conditions
VCB = 10V, IE = 0
VCE = 10V, IB = 0
IC = 10µA, IE = 0
IC = 1mA, IB = 0
IE = 10µA, IC = 0
VCE = 10V, IC = 2mA
IC = 10mA, IB = 1mA
VCB = 10V, IE = –2mA, f = 200MHz
VCB = 10V, IE = 0, f = 1MHz
min
50
50
5
200
typ
0.06
250
1.5
max
0.1
100
500
0.3
Unit
µA
µA
V
V
V
V
MHz
pF
Marking symbol :
AM
*h
FE Rank classification
Rank
Q
R
hFE
200 ~ 400
250 ~ 500
Marking Symbol
AMQ
AMR


Similar Part No. - 2SC4562

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC4562 KEXIN-2SC4562 Datasheet
45Kb / 1P
Silicon NPN Epitaxial Planar Type
More results

Similar Description - 2SC4562

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC1047 PANASONIC-2SC1047 Datasheet
56Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC1359 PANASONIC-2SC1359 Datasheet
52Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC2295 PANASONIC-2SC2295 Datasheet
51Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC2404 PANASONIC-2SC2404 Datasheet
56Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC2778 PANASONIC-2SC2778 Datasheet
56Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC3930 PANASONIC-2SC3930 Datasheet
52Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC4626 PANASONIC-2SC4626 Datasheet
52Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC4627 PANASONIC-2SC4627 Datasheet
57Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC4655 PANASONIC-2SC4655 Datasheet
55Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC829 PANASONIC-2SC829 Datasheet
55Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com