Electronic Components Datasheet Search
  English  ▼

X  

5437402 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 5437402
Description  Printed-circuit board connector - BCDH-500HS- 8 GY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5437402 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  5437402 Datasheet HTML 1Page - PHOENIX CONTACT 5437402 Datasheet HTML 2Page - PHOENIX CONTACT 5437402 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/5437402
11/13/2014   Page 1 / 3
Printed-circuit board connector - BCDH-500HS- 8 GY - 5437402
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Header, Nominal current: 10 A, Rated voltage (III/2): 320 V, Number of positions: 8, Pitch: 5 mm, Color: signal
grey, Contact surface: Tin, Mounting: Soldering
The figure shows a 5-pos. version of
the product
 
Key commercial data
Packing unit
1 pc
Minimum order quantity
100 pc
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Length
22.1 mm
Pitch
5 mm
Dimension a
35 mm
Pin dimensions
1 x 1 mm
Hole diameter
1.4 mm
General
Range of articles
BCDH-HS
Insulating material group
I
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/3)
250 V
Rated voltage (III/2)
320 V
Rated voltage (II/2)
400 V


Similar Part No. - 5437402

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5437415 PHOENIX-5437415 Datasheet
76Kb / 3P
Printed-circuit board connector - BCDH-500HS- 9 GY
5437428 PHOENIX-5437428 Datasheet
75Kb / 3P
Printed-circuit board connector - BCDH-500HS-10 GY
5437431 PHOENIX-5437431 Datasheet
75Kb / 3P
Printed-circuit board connector - BCDH-500HS-11 GY
5437444 PHOENIX-5437444 Datasheet
75Kb / 3P
Printed-circuit board connector - BCDH-500HS-12 GY
5437457 PHOENIX-5437457 Datasheet
76Kb / 3P
Printed-circuit board connector - BCDH-508HS- 2 GY
More results

Similar Description - 5437402

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5437415 PHOENIX-5437415 Datasheet
76Kb / 3P
Printed-circuit board connector - BCDH-500HS- 9 GY
5437428 PHOENIX-5437428 Datasheet
75Kb / 3P
Printed-circuit board connector - BCDH-500HS-10 GY
5437431 PHOENIX-5437431 Datasheet
75Kb / 3P
Printed-circuit board connector - BCDH-500HS-11 GY
5437444 PHOENIX-5437444 Datasheet
75Kb / 3P
Printed-circuit board connector - BCDH-500HS-12 GY
5437347 PHOENIX-5437347 Datasheet
75Kb / 3P
Printed-circuit board connector - BCDH-500HS- 2 GY
5437392 PHOENIX-5437392 Datasheet
75Kb / 3P
Printed-circuit board connector - BCDH-500HS- 7 GY
5437350 PHOENIX-5437350 Datasheet
75Kb / 3P
Printed-circuit board connector - BCDH-500HS- 3 GY
5437363 PHOENIX-5437363 Datasheet
76Kb / 3P
Printed-circuit board connector - BCDH-500HS- 4 GY
5437376 PHOENIX-5437376 Datasheet
76Kb / 3P
Printed-circuit board connector - BCDH-500HS- 5 GY
5437389 PHOENIX-5437389 Datasheet
76Kb / 3P
Printed-circuit board connector - BCDH-500HS- 6 GY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com