Electronic Components Datasheet Search
  English  ▼

X  

ADUM5020 Datasheet(PDF) 13 Page - Analog Devices

Part # ADUM5020
Description  Low Emission, Isolated DC-to-DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM5020 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADUM5020 Datasheet HTML 9Page - Analog Devices ADUM5020 Datasheet HTML 10Page - Analog Devices ADUM5020 Datasheet HTML 11Page - Analog Devices ADUM5020 Datasheet HTML 12Page - Analog Devices ADUM5020 Datasheet HTML 13Page - Analog Devices ADUM5020 Datasheet HTML 14Page - Analog Devices ADUM5020 Datasheet HTML 15Page - Analog Devices ADUM5020 Datasheet HTML 16Page - Analog Devices ADUM5020 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
ADuM5020/ADuM5028
Rev. A | Page 13 of 20
3.18
3.20
3.22
3.24
3.26
3.28
3.30
3.32
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
Figure 13. VISO vs. Temperature, Input = 3.3 V, VISO Output = 3.3 V
–15
–10
–5
0
5
10
15
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
TIME (µs)
Figure 14. VISO Ripple, 5 V Input to 5 V Output at 90% Load,
Bandwidth = 20 MHz
–15
–10
–5
0
5
10
15
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
TIME (µs)
Figure 15. VISO Ripple, 5 V Input to 3.3 V Output at 90% Load,
Bandwidth = 20 MHz
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDDP (V)
POWER DISSIPATION
IDD1
Figure 16. Short-Circuit Input Current (IDD1) and Power Dissipation vs. VDDP
0
50
100
–1,000
–500
500
0
1,000
1.0
2.0
3.0
4.0
5.0
6.0
TIME (ms)
VISO AT 5V (mV)
PERCENT LOAD
Figure 17. VISO Transient Load Response 5 V Input to 5 V Output 10% to 90%
Load Step
0
50
100
–1,000
–500
0
500
1,000
–1.0
0
1.0
2.0
3.0
4.0
TIME (ms)
VISO AT 3.3V (mV)
PERCENT LOAD
Figure 18. VISO Transient Load Response 5 V Input to 3.3 V Output, 10% to
90% Load Step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com