Electronic Components Datasheet Search
  English  ▼

X  

MM5Z10 Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # MM5Z10
Description  Standard Zener Breakdown Voltage Range 2.0 V to 75 V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

MM5Z10 Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  MM5Z10 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd MM5Z10 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd MM5Z10 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd MM5Z10 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PACKAGE OUTLINE
Plastic surface mounted package; 2 leads
SOD-523
mm
A
UNIT
D
A
b
CD
E
H
V
H
∠
ALL ROUND
∠
E
E
p
0.70
0.60
0.4
0.3
0.135
0.100
1.25
1.15
0.85
0.75
1.7
1.5
0.1
5O
MM5Z2V0~MM5Z75
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev :
www.leiditech.com
01.06.2018
4/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com