Electronic Components Datasheet Search
  English  ▼

X  

MMF43A Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # MMF43A
Description  Working peak reverse voltage range ??5.0V to 190V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

MMF43A Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  MMF43A Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd MMF43A Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd MMF43A Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd MMF43A Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Type
Number
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
Uni
Bi
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
4
108.2
1.0
137
1.3
1.0
0
115.5
1.0
146
1.2
1.0
1.0
128.0
1.0
162
1.1
1.0
10
122.0
140.5
1.0
177
1.0
1.0
0
153.0
1.0
193
0.9
1.0
0
165.5
1.0
209
0.8
1.0
0
192.5
1.0
243
0.7
1.0
0
205.0
1.0
259
0.7
1.0
0
217.5
1.0
275
0.6
1.0
0
230.4
1.0
292
0.6
1.0
0
243.2
1.0
308
0.5
1.0
Ratings and Characteristic Curves TA=25°C unless otherwise noted
Rev : 01.06.2014
3/4
www.leiditech.com
MMF5.0A/CA--MMF190A/CA
MMF85A
MMF85CA
85
94.
MMF90A
MMF90CA
90
100.
MMF100A
MMF100CA
100
11
MMF110A
MMF110CA
1
MMF120A
MMF120CA
120
133.
MMF130A
MMF130CA
130
144.
MMF150A
MMF150CA
150
167.
MMF160A
MMF160CA
160
178.
MMF170A
MMF170CA
170
189.
MMF180A
MMF180CA
180
198.
MMF190A
MMF190CA
190
209.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com