Electronic Components Datasheet Search
  English  ▼

X  

FTK4435 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK4435
Description  High Power and current handing capability
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK4435 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK4435 Datasheet HTML 1Page - First Silicon Co., Ltd FTK4435 Datasheet HTML 2Page - First Silicon Co., Ltd FTK4435 Datasheet HTML 3Page - First Silicon Co., Ltd FTK4435 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PACKAGE MARKING AND ORDERING INFORMATION
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
Q4435
FTK4435
SOP-8
Ø330mm
12mm
4000 units
ABSOLUTE MAXIMUM RATINGS(TA=25℃unless otherwise noted)
GENERAL FEATURES
● VDS = -30V,ID = -9.1A
RDS(ON) < 35m
Ω @ VGS=-4.5V
RDS(ON) < 24m
Ω @ VGS=-10V
● High Power and current handing capability
● Lead free product is acquired
● Surface Mount Package
DESCRIPTION
The FTK4435 uses advanced trench technology to
provide excellent RDS(ON), low gate charge .It has been
optimized for power management applications requiring
a wide range of gave drive voltage ratings (4.5V – 25V).
Application
●Battery protection
●Load switch
●Power management
D
G
S
Schematic diagram
G
S
S
S
4
1
D
5
8
Q4435
Marking and pin Assignment
SOP-8
top view
FTK4435
SEMICONDUCTOR
TECHNICAL DATA
2017. 01. 02
1/4
Revision No : 1
2
3
6
7
D
D
D
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
Value
Units
Drain-Source Voltage
VDS
-30
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current (t =10s
I
)
1
e
t
o
n
(
)
D
-9.1
Pulsed Drain Current
IDM
-50
Drain-Source Diode Forward Current (t =10s) (note 1)
IS
-2
A
Power Dissipation (t =10s
P
)
D
1.4
W
Thermal Resistance from Junction to Ambient (t
≤10s) (note 1)
RθJA
89
℃/W
Junction Temperature
TJ
Storage Temperature
Tstg
-55 ~+150
℃
-55 ~+150


Similar Part No. - FTK4435

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK4438 FS-FTK4438 Datasheet
501Kb / 4P
High Power and current handing capability
More results

Similar Description - FTK4435

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF2816E SILIKRON-SSF2816E Datasheet
331Kb / 5P
High Power and current handing capability
SSF8421 SILIKRON-SSF8421 Datasheet
325Kb / 4P
High Power and current handing capability
SSF32E0E SILIKRON-SSF32E0E Datasheet
237Kb / 5P
High Power and current handing capability
SSF1341 SILIKRON-SSF1341 Datasheet
375Kb / 7P
High Power and current handing capability
SSF2485 SILIKRON-SSF2485 Datasheet
352Kb / 5P
High Power and current handing capability
SSF2814E SILIKRON-SSF2814E Datasheet
292Kb / 5P
High Power and current handing capability
SSF3314E SILIKRON-SSF3314E Datasheet
212Kb / 5P
High Power and current handing capability
SSF3365 SILIKRON-SSF3365 Datasheet
233Kb / 5P
High Power and current handing capability
logo
GOOD-ARK Electronics
GDSSF2418EBK GOOD-ARK-GDSSF2418EBK Datasheet
483Kb / 4P
High Power and current handing capability
logo
First Silicon Co., Ltd
FTK3341 FS-FTK3341 Datasheet
398Kb / 6P
High Power and current handing capability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com