Electronic Components Datasheet Search
  English  ▼

X  

FTK4614 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK4614
Description  Super High Density Cell Design for Extremely Low RDS(ON)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK4614 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK4614 Datasheet HTML 1Page - First Silicon Co., Ltd FTK4614 Datasheet HTML 2Page - First Silicon Co., Ltd FTK4614 Datasheet HTML 3Page - First Silicon Co., Ltd FTK4614 Datasheet HTML 4Page - First Silicon Co., Ltd FTK4614 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SEMICONDUCTOR
TECHNICAL DATA
FTK4614
2016. 06. 28
1/5
Revision No : 0
Surface Mount Package
Super High Density Cell Design for
Extremely Low RDS(ON)
CCFL Inverter
Drain-Source Voltage
VDS
40
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current (note 1)
ID
8
A
Pulsed Drain Current (tp=10us)
IDM
32
A
Continous Source-Drain Diode Current
IS
8
A
Drain-Source Voltage
VDS
-40
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current (note 1)
ID
-7
A
Pulsed Drain Current (tp=10us)
IDM
-28
A
Continous Source-Drain Diode Current
IS
-7
A
Power Dissipation
PD
W
Thermal Resistance from Junction to Ambient (note 1)
R
/W
Junction Temperature
TJ
150
Storage Temperature
TSTG
-55~+150
Lead Temperature for Soldering Purposes(1/8’’ from case for 10 s)
TL
260
Equivalent Circuit
V(BR)DSS
RDS(on)MAX
ID
4
19
8
29
4
35
7
45
Solid dot = Green molding compound device,
if none,the normal device.
Q4614= Device code
YY= Code
Solid dot = Pin1 indicator
Q4614
YY


Similar Part No. - FTK4614

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK4001E FS-FTK4001E Datasheet
320Kb / 5P
Small Signal MOSFET 20 V, 238 mA, Single, N-Channel, Gate ESD Protection
FTK4003N FS-FTK4003N Datasheet
485Kb / 5P
30V, 0.56A, N?묬hannel, Gate ESD Protection
FTK4008 FS-FTK4008 Datasheet
736Kb / 5P
N-CH 40V Fast Switching MOSFETs
FTK4060K FS-FTK4060K Datasheet
379Kb / 4P
N-Channel Power MOSFET
FTK40G10DFN33 FS-FTK40G10DFN33 Datasheet
627Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - FTK4614

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2304 AMS-AMS2304 Datasheet
683Kb / 6P
Super high density cell design for extremely low RDS(ON)
AMS2305 AMS-AMS2305 Datasheet
318Kb / 6P
Super high density cell design for extremely low RDS(ON)
AMS2306 AMS-AMS2306 Datasheet
762Kb / 6P
Super high density cell design for extremely low RDS(ON)
AMS2319 AMS-AMS2319 Datasheet
343Kb / 8P
Super high density cell design for extremely low RDS(ON)
AMS3400SRG AMS-AMS3400SRG Datasheet
671Kb / 6P
Super high density cell design for extremely low RDS(ON)
AMS3401M23RG AMS-AMS3401M23RG Datasheet
306Kb / 6P
Super high density cell design for Extremely low RDS(ON)
AMS3402 AMS-AMS3402 Datasheet
736Kb / 6P
Super high density cell design for extremely low RDS(ON)
AMS8205A AMS-AMS8205A Datasheet
780Kb / 7P
Super high density cell design for extremely low RDS(ON)
logo
SUNMATE electronic Co.,...
ME2303 SUNMATE-ME2303 Datasheet
1Mb / 5P
Super high density cell design for extremely low RDS(ON)
logo
List of Unclassifed Man...
ME15N10-G ETC2-ME15N10-G Datasheet
1,000Kb / 4P
Super high density cell design for extremely low RDS(ON)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com