Electronic Components Datasheet Search
  English  ▼

X  

ADAV803 Datasheet(PDF) 52 Page - Analog Devices

Part # ADAV803
Description  Audio Codec for Recordable DVD
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV803 Datasheet(HTML) 52 Page - Analog Devices

Back Button ADAV803 Datasheet HTML 48Page - Analog Devices ADAV803 Datasheet HTML 49Page - Analog Devices ADAV803 Datasheet HTML 50Page - Analog Devices ADAV803 Datasheet HTML 51Page - Analog Devices ADAV803 Datasheet HTML 52Page - Analog Devices ADAV803 Datasheet HTML 53Page - Analog Devices ADAV803 Datasheet HTML 54Page - Analog Devices ADAV803 Datasheet HTML 55Page - Analog Devices ADAV803 Datasheet HTML 56Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 52 / 56 page
background image
ADAV803
Rev. 0 | Page 52 of 56
er
ce
PLL2_Source
ES
RES
RES
Table 77. PLL Clock Source Regist
PLL1_Sour
RES
RES
R
RES
7
6
5
4
3
2
1
0
ADDRESS = 1111000 (0x78)
PLL1_Source
Selects the clock source for PLL1.
0 = XIN.
1 = MCLKI.
PLL2_Source
ck source for PLL2.
Selects the clo
0 = XIN.
1 = MCLKI.
Table 78. PLL Output
Register
RES
DIRINPD
DIRIN_PIN
RES
SYSCLK1
SYSCLK2
SYSCLK3
Enable
RES
7
6
5
4
3
2
1
0
ADDRESS = 1111010 (0x7A)
DIRINPD
This bit powers down the SPDIF receiver.
0 = Normal.
1 = Power-down.
DIRIN_PIN
This bit determines the input levels of the DIRIN pin.
down to 200 mV according to AES3 requirements.
ons section.
YSCLK1
YSCLK2
LK2 output.
0 = Enabled.
YSCLK3
es the SYSCLK3 ou
Enabled.
bled.
0 = DIRIN accepts input signals
1 = DIRIN accepts input signals as defined in the Specificati
S
Enables the SYSCLK1 output.
0 = Enabled.
1 = Disabled.
S
Enables the SYSC
1 = Disabled.
S
Enabl
tput.
0 =
1 = Disa



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com