Electronic Components Datasheet Search
  English  ▼

X  

FXLS8964AFR1 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # FXLS8964AFR1
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8964AFR1 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button FXLS8964AFR1 Datasheet HTML 4Page - NXP Semiconductors FXLS8964AFR1 Datasheet HTML 5Page - NXP Semiconductors FXLS8964AFR1 Datasheet HTML 6Page - NXP Semiconductors FXLS8964AFR1 Datasheet HTML 7Page - NXP Semiconductors FXLS8964AFR1 Datasheet HTML 8Page - NXP Semiconductors FXLS8964AFR1 Datasheet HTML 9Page - NXP Semiconductors FXLS8964AFR1 Datasheet HTML 10Page - NXP Semiconductors FXLS8964AFR1 Datasheet HTML 11Page - NXP Semiconductors FXLS8964AFR1 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 98 page
background image
NXP Semiconductors
FXLS8964AF
3-Axis Low-g Accelerometer
FXLS8964AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Objective data sheet
Rev. 2 — 30 October 2020
8 / 98
• Refer to Section 11.2 and Section 11.4 for more details on 3-wire SPI mode. In motion
detection mode with BT_MODE=VDD, use of HPM or FPM mode is not advised. Only
the default LPM mode should be used.
7.2 Power supply considerations
It is recommended that VDD be sourced from a low noise linear supply regulator (LDO).
When using a switch mode supply, the recommended minimum voltage is 1.8 V
(nominal), providing headroom for supply noise and ripple rejection. This headroom
ensures that the device will meet its performance specifications while also preventing a
BOR/POR event from occurring when operated on a noisy supply rail.
FXLS8964AF contains a POR generator. This circuit resets the digital logic and restores
all register content to the default values shown in Table 19 following the application of
VDD ≥ 1.71 V, or after a soft reset command is issued by setting SENS_CONFIG1[RST]
= 1. Note that the host system must wait for a nominal time period of TBOOT1/2 ms after
applying VDD ≥ 1.71 V, or after issuing a soft reset command, to allow enough time for
FXLS8964AF to complete its internal boot sequence and be ready for communication
over the I2C or SPI interfaces. When the BT_MODE pin is low, with
INT_EN[BOOT_DIS]
= 0, the host system can wait until the active edge of a TPULSE-BOOT1 µs pulse is
observed on the INTx pin (determined by
INT_PIN_SEL[BOOT_INT2]) indicating
completion of the boot sequence. When the BT_MODE pin is logic high, the INT2 pin is
configured as an open drain output (BOOT_OUT) that pulses low for TPULSE-BOOT2 ms
after the boot sequence completes.
8 Sensing direction and output response
aaa-028907
X
Y
Z
Xout @ - 1 g
Yout @ 0 g
Zout @ 0 g
Xout @ 1 g
Yout @ 0 g
Zout @ 0 g
(Top view)
Reference frame for acceleration measurement
Xout @ 0 g
Yout @ 1 g
Zout @ 0 g
Xout @ 0 g
Yout @ - 1 g
Zout @ 0 g
Xout @ 0 g
Yout @ 0 g
Zout @ 1 g
Xout @ 0 g
Yout @ 0 g
Zout @ - 1 g
Pin 1
Portrait up
Side view
Back view
Front view
Top view
Portrait down
Landscape left
Landscape right
Gravity
Figure 9. Sensitive axes orientation and output response to ±1 g (gravity) stimulus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com