Electronic Components Datasheet Search
  English  ▼

X  

HM5N65K Datasheet(PDF) 6 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5N65K
Description  SL sem`s advanced planar stripe DMOS technology.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5N65K Datasheet(HTML) 6 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5N65K Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5N65K Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5N65K Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5N65K Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5N65K Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5N65K Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5N65K Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5N65K Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5N65K Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Charge
VGS
10V
Qg
Qgs
Qgd
3mA
VGS
DUT
VDS
300nF
50KΩ
200nF
12V
SameType
asDUT
Charge
VGS
10V
Qg
Qgs
Qgd
3mA
VGS
DUT
VDS
300nF
50KΩ
200nF
12V
SameType
asDUT
V
G
S
V
D
S
1
0
%
9
0
%
t
d
(o
n
)
t
r
t
o
n
t
o
ff
t
d
(o
ff)
t
f
V
D
D
1
0
V
V
D
S
R
L
D
U
T
R
G
V
G
S
V
G
S
V
D
S
1
0
%
9
0
%
t
d
(o
n
)
t
r
t
o
n
t
o
ff
t
d
(o
ff)
t
f
V
D
D
1
0
V
V
D
S
R
L
D
U
T
R
G
V
G
S
EAS=LIAS2
----
2
1
--------------------
BVDSS-VDD
BVDSS
VDD
VDS
BVDSS
tp
VDD
IAS
VDS(t)
ID(t)
Tim
e
10V
D
U
T
R
G
L
ID
t
p
EAS=LIAS2
----
2
1
EAS=LIAS2
----
2
1
----
2
1
--------------------
BVDSS-VDD
BVDSS
VDD
VDS
BVDSS
tp
VDD
IAS
VDS(t)
ID(t)
Tim
e
10V
D
U
T
R
G
L
L
ID
ID
t
p
Gate Charge Test Circuit & Waveform
Resistive Switching Test Circuit & Waveforms
Unclamped Inductive Switching Test Circuit & Waveforms
HM5N65K/HM5N65I
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com