Electronic Components Datasheet Search
  English  ▼

X  

HM2N70 Datasheet(PDF) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2N70
Description  N-Channel Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2N70 Datasheet(HTML) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2N70 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2N70 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2N70 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2N70 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2N70 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2N70 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2N70 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2N70 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
TO-252
TO-252
TO-252
TO-252 封装机械尺寸
TO-252
TO-252
TO-252
TO-252 MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL DATA
DATA
DATA
DATA
单位::::毫米////UNIT
UNIT
UNIT
UNIT:mm
mm
mm
mm
符号
SYMBOL
SYMBOL
SYMBOL
SYMBOL
最小值
min
min
min
min
最大值
max
max
max
max
符号
SYMBOL
SYMBOL
SYMBOL
SYMBOL
最小值
min
min
min
min
最大值
max
max
max
max
A
2.10
2.50
B
0.85
1.25
b
0.50
0.80
b1
0.50
0.90
b2
0.45
0.70
C
0.45
0.70
D
6.30
6.75
D1
5.10
5.50
E
5.30
6.30
e1
2.25
2.35
L1
9.20
10.60
e2
4.45
4.75
L2
0.90
1.75
L3
0.60
1.10
K
0.00
0.23



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com