Electronic Components Datasheet Search
  English  ▼

X  

CD4053 Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # CD4053
Description  3 out of 2 bidirectional analog switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

CD4053 Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  CD4053 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd CD4053 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd CD4053 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd CD4053 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd CD4053 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd CD4053 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
推荐工作条件:
符 号
描
述
极限值
单 位
VDD
直流电源电压
+5~+15
V
VIN
输入电压
0~VDD
V
直流电参数:
+25℃
符号
项目
条件
最小值
典型值
最大值
单位
VDD=5V
5
VDD=10V
10
IDD
VDD=15V
20
uA
信号输入 VIS 和输出 VOS
VDD=2.5V
VEE=-2.5V 或
VDD=5V VEE=0V
270
1050
VDD=5V
VEE=-5V 或
VDD=10V
VEE=0V
120
400
RON
导通电阻(峰值 VEE
≦VIS≦VDD)
RL=10KΩ
(任 一通道)
VDD=7.5V
VEE=-7.5V 或
VDD=15V
VEE=0V
80
240
Ω
VDD=2.5V
VEE=-2.5V 或
VDD=5V VEE=0V
10
△RON
任两个通道间的 导
通电阻增益
RL=10KΩ
(任 一通道)
VDD=5V
VEE=-5V 或
VDD=10V
VEE=0V
10
Ω
CD4053
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com