Electronic Components Datasheet Search
  English  ▼

X  

LS1043A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LS1043A
Description  QorIQ LS1043A Reference Design Board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1043A Datasheet(HTML) 2 Page - NXP Semiconductors

  LS1043A Datasheet HTML 1Page - NXP Semiconductors LS1043A Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BOARD HARDWARE FEATURES
Processor
QorIQ LS1043A quad-core processor
based on ARM Cortex®-A53 at 1.6 GHz
Supports single-ended clock input for
generating various device frequencies
Memory
Supports 2 GB DDR4 SDRAM discrete
devices
32-bit DDR4 bus
Supports data rates of up to 1600 MT/s
128 MB NOR flash, 16-bit
512 MB SLC NAND flash with ECC
support
SDHC port connects directly to a full
SD/MMC slot
16 MB high-speed flash memory (up
to 108 MHz in the single-transfer rate
mode)
PCI Express
One PCIe slot
One mini-PCIe connector
USB
Two super-speed USB 3.0 type A ports
Supports one USB 2.0 connection on
the mini-PCIe connector
Ethernet
RJ45 connector for Ethernet 10 GB
support
Four (4) RJ45 connectors for QSGMII
support
UART
One RJ45 to DB9 connector with two
UART ports
UART1 is routed to CMSISDAP circuit
and supports USB port to access serial
port as console
Other
JTAG/COP for debug
Thermal monitor
COMPLETE ENABLEMENT,
RICH ECOSYSTEM
NXP’s strong legacy of networking
expertise and ARM’s rapidly growing
development base provides a rich
ecosystem for our customers. Our
extensive third-party ecosystem, the
largest and most established in the
communications market, supports
all QorIQ LS series devices. This
environment also supports the vibrant,
growing ARM ecosystem, including
the Linaro™ not-for-profit engineering
organization and the exciting OpenData
Plane™ project, a project that strives
to deliver open-source, cross-platform
interoperability.
In conjunction with our expertise and
worldwide support infrastructure, this
broad ecosystem helps customers
accelerate their migration from non-
NXP solutions and legacy NXP devices,
preserve investment costs and reduce
time-to-market.
NXP Technology
Expansion Modules
Connectors
Board Components
x8
PCle x 1
USB 3.0
Type A x 2
T1/E1 QE
Connector
RS232
Serial
10 GB PHY
RJ45
Mini
PCle
PCI
USB
I2C
+12 V
PSU
VR500 PMIC
RTC
Board EEPROM
Clocks
SPI Flash 16 MB
QorIQ
LS1043A
DUART
QE
SerDes
Lane
SerDes
Lane
2 x USB 3.0
I2C
DDR
x32
x1
For PMC plug-in card
IFC
SPI
DPAA Ethernet
RGMB PHY
2 x RJ45
2 x RJ45
DPAA Ethernet
Quad PHY
Full SD Slot
4 x RJ45
DPAA Ethernet
SDHC
2 GB DDR4
12 MB NOR
512 MB NAND
QorIQ LS1043A–RDB BLOCK DIAGRAM
QorIQ LS1043A–RDB BLOCK DIAGRAM
QorIQ LS1043A-RDB BOARD
www.nxp.com/QorIQ
NXP, the NXP logo, Layerscape and QorIQ are trademarks of NXP B.V. All other product or service names are the property of their respective owners.
ARM and Cortex are trademarks of ARM Limited (or its subsidiaries) in the EU and/or elsewhere. All rights reserved. © 2015–2016 NXP B.V.
Document Number: LS1043ARDBFS REV 1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com