Electronic Components Datasheet Search
  English  ▼

X  

LMS78 Datasheet(PDF) 1 Page - GAPTEC Electronic GmbH & Co. KG

Part # LMS78
Description  Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

LMS78 Datasheet(HTML) 1 Page - GAPTEC Electronic GmbH & Co. KG

  LMS78 Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG LMS78 Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG LMS78 Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 1 of 3
LMS78_0.5R – Rev. 2020-2.6
Specifications subject to change without notice.
LMS78_0.5R Series
Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
Efficiency up to 93%
Operating temperature
range: -40°C ~ +85°C
Pin-out compatible with
LM78xx linears
Short circuit protection (SCP)
Thermal shutdown
Low ripple and noise
Sip package, meet UL94-V0
Low temperature rise
Industry standard pinout
Ultra low no-load power
consumption
Switching Regulator
The LMS78_0.5R series high efficiency switching regulators are ideally
suited to replace LM78xx linear regulators and are pin compatible.
Example:
LMS78_05-0.5R
LM = Series; S = SIP Case; 05 = 5Vout; 0.5 = 0.5A; R = Revised
Common specifications
Short circuit protection:
Continuous, automatic recovery
No-load input current:
0.2mA TYP, 1.5mA MAX
Reverse Polarity Input:
Forbidden
Input Filter:
Capacitor Filter
Temperature rise at full load:
25°C MAX, 15°C TYP
Cooling:
Free air convection
Operation temperature range:
-40°C~+85°C
Power derating above 71°C
Storage temperature range:
-55°C ~+125°C
Pin welding resistance temperature:
260°C MAX, 1.5mm from case for 10 sec
Operating case temperature:
100°C
Storage humidity range:
< 95%RH
Package material:
Plastic [UL94-V0]
MTBF:
>2,000,000 hours
+25°C MIL-HDBK-217F
Weight:
2g
Note:
1. The max. capacitive load should be tested within the input voltage range and
under full load conditions;
2. Without any special statement, all indexes are only specific to positive output
application;
3. Unless otherwise specified, data in this datasheet should be tested under the
conditions of Ta = 25°C, humidity <75% when inputting nominal voltage and
outputting rated load;
4. All index testing methods in this datasheet are based on our Company’s
corporate standards;
5. The performance indexes of the product models listed in this manual are as
above, but some indexes of non-standard model products will exceed the
above-mentioned requirements, and please directly contact with our technician
for specific information;
6. Specifications subject to change without prior notice.
Output specifications
Item
Test conditions
Min
Typ
Max
Units
Output voltage
accuracy
100% load
±2
±3
%
Line regulation
Input Voltage Range
±0.2
±0.4
%
Load regulation
10% to 100% load
±0.4
±0.6
%
Output current limit
3000
mA
Ripple + Noise*
20MHz Bandwidth
Vin=24VDC
0% -100% load
20
75
mVp-
p
Over heat protec-
tion
Internal IC junction
170
°C
Short circuit input
power
0.5
1.8
W
Switching frequency
550
850
KHz
Transient response
deviation
Nominal input, 25%
load step change
55
250
mV
Transient recovery
time
Nominal input, 25%
load step change
0.5
2
ms
Temperature coef-
ficient
-40 °C to +85 °C
ambient
0.03
%/°C
* Test ripple and noise by “parallel cable” method. With the load lower than 10%,
maximum ripple and noise will be 150mVp-p.
EMC specifications
EMI
CE
CISPR22/EN55022
CLASS B
(External circuit refer to EMC recommended circuit, 2 or EMC module application circuit)
EMI
RE
CISPR22/EN55022
CLASS B
(External circuit refer to EMC recommended circuit, 2 or EMC module application circuit)
EMS
ESD
IEC/EN61000-4-2
Contact ±4KV perf. Criteria B
EMS
RS
IEC/EN61000-4-3
10V/m
perf. Criteria A
EMS
EFT
IEC/EN61000-4-4
±2KV
perf. Criteria B (External circuit refer to EMC recommended circuit, 1 )
EMS
CS
IEC/EN61000-4-6
3 Vr.m.s
perf. Criteria A
EMS
Voltage dips,
short and
interruptions
immunity
IEC/EN61000-4-29
0%-70%
perf. Criteria B
UL-60950-1 (E347551)


Similar Part No. - LMS78

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
LMS78 GAPTEC-LMS78 Datasheet
876Kb / 4P
Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
LMS78 GAPTEC-LMS78 Datasheet
1Mb / 4P
Wide Input Non-Isolated & Regulated, Single Output
LMS78 GAPTEC-LMS78 Datasheet
1Mb / 3P
Wide Input Non-Isolated & Regulated, Single Output
LMS78-1.0R GAPTEC-LMS78-1.0R Datasheet
876Kb / 4P
Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
LMS78-1.5 GAPTEC-LMS78-1.5 Datasheet
1Mb / 4P
Wide Input Non-Isolated & Regulated, Single Output
More results

Similar Description - LMS78

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
LCN78 GAPTEC-LCN78 Datasheet
356Kb / 2P
Wide Input Non-Isolated & Regulated, Single Output
LME78 GAPTEC-LME78 Datasheet
2Mb / 4P
Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
LMO78 GAPTEC-LMO78 Datasheet
1Mb / 3P
Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
LMO78-1.0 GAPTEC-LMO78-1.0 Datasheet
1Mb / 4P
Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
LMO78-3.0 GAPTEC-LMO78-3.0 Datasheet
717Kb / 3P
Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
LMP78 GAPTEC-LMP78 Datasheet
1Mb / 3P
Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
LMP78-1.5 GAPTEC-LMP78-1.5 Datasheet
423Kb / 2P
Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
LMS78-1.0R GAPTEC-LMS78-1.0R Datasheet
876Kb / 4P
Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
LOS GAPTEC-LOS Datasheet
1Mb / 3P
Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
LOT-16 GAPTEC-LOT-16 Datasheet
683Kb / 3P
Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com