Electronic Components Datasheet Search
  English  ▼

X  

LMP78 Datasheet(PDF) 2 Page - GAPTEC Electronic GmbH & Co. KG

Part # LMP78
Description  Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

LMP78 Datasheet(HTML) 2 Page - GAPTEC Electronic GmbH & Co. KG

  LMP78 Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG LMP78 Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 2 of 2
LMP78_1.5 – Rev. 2015-1.0
Specifications subject to change without notice.
LC78_1.5 Low Cost Series
Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
Typical characteristics
Mechanical dimensions/footprint
Standard application circuit
Tube outline dimensions
Tolerance:
XX.X ± 0.5 mm
Note:
L=520 ± 2 mm
Devices per tube quantity: 42 PCS
Tolerance:
XX.X ± 0.25 mm
LMP78_1.5
Efficiency Vs Vin (Full Load)
Derating Graph (Air convection 65LFM)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com