Electronic Components Datasheet Search
  English  ▼

X  

OPA191IDBVR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # OPA191IDBVR
Description  OPAx191 36-V, Low-Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA191IDBVR Datasheet(HTML) 22 Page - Texas Instruments

Back Button OPA191IDBVR Datasheet HTML 18Page - Texas Instruments OPA191IDBVR Datasheet HTML 19Page - Texas Instruments OPA191IDBVR Datasheet HTML 20Page - Texas Instruments OPA191IDBVR Datasheet HTML 21Page - Texas Instruments OPA191IDBVR Datasheet HTML 22Page - Texas Instruments OPA191IDBVR Datasheet HTML 23Page - Texas Instruments OPA191IDBVR Datasheet HTML 24Page - Texas Instruments OPA191IDBVR Datasheet HTML 25Page - Texas Instruments OPA191IDBVR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 57 page
background image
±
+
±
+
36-V
Differential
Front End
Slew
Boost
e-WULPŒ
Operational Amplifier
Package Level Trim
IN+
IN±
VOUT
OPAx191
+
±
NCH Input
Stage
PCH Input
Stage
Output
Stage
High
Capacitive Load
Compensation
22
OPA191, OPA2191, OPA4191
SBOS701C – DECEMEBER 2015 – REVISED OCTOBER 2019
www.ti.com
Product Folder Links: OPA191 OPA2191 OPA4191
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The OPAx191 family of e-trim operational amplifiers use a method of package-level trim for offset and offset
temperature drift implemented during the final steps of manufacturing after the plastic molding process. This
method minimizes the influence of inherent input transistor mismatch, as well as errors induced during package
molding. The trim communication occurs on the output pin of the standard pinout, and after the trim points are
set, further communication to the trim structure is permanently disabled. The Functional Block Diagram section
shows the simplified diagram of the OPAx191.
Unlike previous e-trim operational amplifiers, the OPAx191 uses a patented two-temperature trim architecture to
achieve a very low offset voltage and low voltage offset drift over the full specified temperature range. This level
of precision performance at wide supply voltages makes these amplifiers useful for high-impedance industrial
sensors, filters, and high-voltage data acquisition.
8.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com