Electronic Components Datasheet Search
  English  ▼

X  

OPA191IDBVT Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # OPA191IDBVT
Description  OPAx191 36-V, Low-Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA191IDBVT Datasheet(HTML) 35 Page - Texas Instruments

Back Button OPA191IDBVT Datasheet HTML 31Page - Texas Instruments OPA191IDBVT Datasheet HTML 32Page - Texas Instruments OPA191IDBVT Datasheet HTML 33Page - Texas Instruments OPA191IDBVT Datasheet HTML 34Page - Texas Instruments OPA191IDBVT Datasheet HTML 35Page - Texas Instruments OPA191IDBVT Datasheet HTML 36Page - Texas Instruments OPA191IDBVT Datasheet HTML 37Page - Texas Instruments OPA191IDBVT Datasheet HTML 38Page - Texas Instruments OPA191IDBVT Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 57 page
background image
35
OPA191, OPA2191, OPA4191
www.ti.com
SBOS701C – DECEMEBER 2015 – REVISED OCTOBER 2019
Product Folder Links: OPA191 OPA2191 OPA4191
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
10 Power Supply Recommendations
The OPAx191 is specified for operation from 4.5 V to 36 V (±2.25 V to ±18 V); many specifications apply from
–40°C to +125°C. Parameters that can exhibit significant variance with regard to operating voltage or
temperature are presented in the Typical Characteristics.
CAUTION
Supply voltages larger than 40 V can permanently damage the device; see the
Absolute Maximum Ratings.
Place 0.1-μF bypass capacitors close to the power-supply pins to reduce errors coupling in from noisy or high-
impedance power supplies. For more detailed information on bypass capacitor placement, see the following
Layout section.
11 Layout
11.1 Layout Guidelines
For best operational performance of the device, use good PCB layout practices, including:
•
Connect low-ESR, 0.1-µF ceramic bypass capacitors between each supply pin and ground, placed as close
to the device as possible. A single bypass capacitor from V+ to ground is applicable for single-supply
applications.
–
Noise can propagate into analog circuitry through the power pins of the circuit as a whole and op amp
itself. Bypass capacitors are used to reduce the coupled noise by providing low-impedance power sources
local to the analog circuitry.
•
Make sure to physically separate digital and analog grounds paying attention to the flow of the ground
current. Separate grounding for analog and digital portions of circuitry is one of the simplest and most-
effective methods of noise suppression. One or more layers on multilayer PCBs are usually devoted to
ground planes. A ground plane helps distribute heat and reduces EMI noise pickup. For more detailed
information, refer to Circuit Board Layout Techniques.
•
In order to reduce parasitic coupling, run the input traces as far away from the supply or output traces as
possible. If these traces cannot be kept separate, crossing the sensitive trace perpendicular is much better as
opposed to in parallel with the noisy trace.
•
Place the external components as close to the device as possible. As shown in Figure 67, keeping RF and
RG close to the inverting input minimizes parasitic capacitance.
•
Keep the length of input traces as short as possible. Always remember that the input traces are the most
sensitive part of the circuit.
•
Consider a driven, low-impedance guard ring around the critical traces. A guard ring can significantly reduce
leakage currents from nearby traces that are at different potentials.
•
Clean the PCB following board assembly for best performance.
•
Any precision integrated circuit may experience performance shifts due to moisture ingress into the plastic
package. After any aqueous PCB cleaning process, bake the PCB assembly to remove moisture introduced
into the device packaging during the cleaning process. A low-temperature, post-cleaning bake at 85°C for 30
minutes is sufficient for most circumstances.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com