Electronic Components Datasheet Search
  English  ▼

X  

LMS78 Datasheet(PDF) 1 Page - GAPTEC Electronic GmbH & Co. KG

Part # LMS78
Description  Wide Input Non-Isolated & Regulated, Single Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

LMS78 Datasheet(HTML) 1 Page - GAPTEC Electronic GmbH & Co. KG

  LMS78 Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG LMS78 Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG LMS78 Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG LMS78 Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 1 of 4
LMS78_1.5
– Rev. 2012-1.1
Specifications subject to change without notice.
Efficiency up to 95%, no
heatsink required
1.5A large current output
Operating temperature:
-40°C ~ +85°C
Short circuit protection,
thermal shutdown
Low ripple and noise
Micro miniature SIP package,
meet UL94-V0 requirement
Ultra low power loss
Industry standard pinout
Pin-out compatible with
LM78XX Linear
MTBE>2000,000Hours
LMS78_1.5 Series
Upgraded LMS78_1.5 series switching regulators are ideal replacement
for LM78xx linear regulators and LDOs. The efficiency of up to 95%
means that very little energy is wasted as heat so there is no need for any
heat sinks with their additional space and mounting costs. They are
widely used in industrial control, instrumentation, and electric power
applications.
Wide Input Non-Isolated & Regulated, Single Output
Part Number
Input Voltage Range
[VDC]
Output Voltage
[VDC]
Output Current
[mA]
Efficiency
[Vin. min]
Efficiency
[Vin. max]
LMS78_1.5-1.5
4.75-18
1.5
1500
83
78
LMS78_1.8-1.5
4.75-18
1.8
1500
85
81
LMS78_2.5-1.5
4.75-18
2.5
1500
88
85
LMS78_3.3-1.5
4.75-18
3.3
1500
91
88
LMS78_05-1.5
6.5-18
5
1500
93
91
LMS78_6.5-1.5
8-18
6.5
1500
95
93
Add suffix “L” for 90° bend pins, for example: LMS78_05-1.5L.
Model selection:
LMS78_yy-pp
LM=Series; S=case; ##=Vout; pp=output current
Example:
LMS78_05-1.5
LM=Series; S=SIP Case; ##= 5Vout; pp=1.5A
Common specifications
Temperature rise at full load:
25°C MAX, 15°C TYP
Cooling:
Free air convection
Operating temperature range:
-40°C~+85°C (above 71°C power
derating)
Storage temperature range:
-55°C ~+125°C
Lead temperature:
300°C MAX, 1.5mm from case for 10 sec
Operating case temperature:
100°C MAX
Storage humidity range:
< 95%
Package material:
Plastic [UL94-V0]
MTBF:
>2,000,000 hours
(25°C,MIL-HDBK-217F)
Package weight:
4.0g
Conducted emissions (Refer to Figure 5)
EN55022
CLASS B
Radiated emissions
EN55022
CLASS B
ESD
EN61000-4-2 Level 3 6kV/8kV perf.
Criteria B
Note:
1. All specifications measured at Ta=25°C, humidity<75%, nominal input
voltage(12V) and rated output load unless otherwise specified.
2. Only typical models listed, other models may be different, please contact our
technical person for more details.
3. In this datasheet, all the test methods of indications are based on corporate
standards.
Output specifications
Item
Test conditions
Min
Typ
Max
Units
Output voltage
accuracy
100% full load, input
voltage range
±2
±3
%
Line regulation
Vin= min. to max. at
full load
±0.5
±0.75
%
Load regulation
10% to 100% load
±0.5
±1.0
%
Ripple + Noise*
20MHz Bandwidth
(refer to Test configura-
tions, 1)
20
45
mVp-p
Short circuit input
power
0.5
1.8
W
Short circuit
protection
Continuous, automatic recovery
Switching frequency
Full load, input voltage
range
300
340
380
KHz
Quiescent current
5
10
mA
Thermal shutdown
Internal IC junction
150
°C
Output current limit
5000
mA
Temperature
coefficient
-40 °C to +85 °C
ambient
±0.02
%/°C
Max capacitance
load
1000
μF
*Test ripple and noise by “parallel cable” method.
RoHS
Switching Regulator


Similar Part No. - LMS78

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
LMS78 GAPTEC-LMS78 Datasheet
1Mb / 3P
Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
LMS78 GAPTEC-LMS78 Datasheet
876Kb / 4P
Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
LMS78 GAPTEC-LMS78 Datasheet
1Mb / 3P
Wide Input Non-Isolated & Regulated, Single Output
LMS78-1.0R GAPTEC-LMS78-1.0R Datasheet
876Kb / 4P
Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
LMS78-2.0R GAPTEC-LMS78-2.0R Datasheet
1Mb / 3P
Wide Input Non-Isolated & Regulated, Single Output
More results

Similar Description - LMS78

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
K7805-1000 CRYSTEKCRYSTAL-K7805-1000_11 Datasheet
327Kb / 4P
WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
logo
MORNSUN Science& Techno...
K7805-1500 MORNSUN-K7805-1500 Datasheet
345Kb / 4P
WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7805M-1000 MORNSUN-K7805M-1000 Datasheet
317Kb / 4P
WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K78L01-1000R2 MORNSUN-K78L01-1000R2 Datasheet
387Kb / 4P
WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7801-500 MORNSUN-K7801-500 Datasheet
362Kb / 4P
WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7801-1500L MORNSUN-K7801-1500L Datasheet
399Kb / 4P
WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
KRB2005MS-2W MORNSUN-KRB2005MS-2W Datasheet
205Kb / 2P
WIDE INPUT NON-ISOLATED REGULATED SINGLE OUTPUT
K7805YMD-2000 MORNSUN-K7805YMD-2000 Datasheet
300Kb / 3P
WIDE INPUT NON-ISOLATED REGULATED SINGLE OUTPUT
logo
Toppower Electronic Tec...
TP78XX-2 TOPPOWER-TP78XX-2 Datasheet
672Kb / 3P
Wide Input Non-Isolated & Regulated Single Output
logo
GAPTEC Electronic GmbH ...
LCN78 GAPTEC-LCN78 Datasheet
356Kb / 2P
Wide Input Non-Isolated & Regulated, Single Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com