Electronic Components Datasheet Search
  English  ▼

X  

REF3440-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Part # REF3440-Q1
Description  REF34-Q1 Low-Drift, Low-Power, Small-Footprint Series Voltage References
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF3440-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button REF3440-Q1 Datasheet HTML 6Page - Texas Instruments REF3440-Q1 Datasheet HTML 7Page - Texas Instruments REF3440-Q1 Datasheet HTML 8Page - Texas Instruments REF3440-Q1 Datasheet HTML 9Page - Texas Instruments REF3440-Q1 Datasheet HTML 10Page - Texas Instruments REF3440-Q1 Datasheet HTML 11Page - Texas Instruments REF3440-Q1 Datasheet HTML 12Page - Texas Instruments REF3440-Q1 Datasheet HTML 13Page - Texas Instruments REF3440-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
8 Typical Characteristics (continued)
at TA = 25°C, VIN = VEN = 12 V, IL = 0 mA, CL = 10 µF, CIN = 0.1 µF (unless otherwise noted)
Thermal Hysteresis - Cycle 1 (ppm)
0
5%
10%
15%
20%
25%
30%
DGKt
Figure 8-19. Thermal Hysteresis Distribution (Cycle 1) - DGK
Package
Thermal Hysteresis - Cycle 2 (ppm)
0
5%
10%
15%
20%
25%
30%
DGKt
Figure 8-20. Thermal Hysteresis Distribution (Cycle 2) - DGK
Package
Solder Heat Shift (%)
0
10%
20%
30%
40%
50%
D017
Refer to Section 9.1 for more information
Figure 8-21. Solder Heat Shift Distribution - DBV Package
Solder Heat Shift (%)
0
10%
20%
30%
40%
50%
DGKs
Refer to Section 9.1 for more information
Figure 8-22. Solder Heat Shift Distribution - DGK Package
0.5ms/div
1V/div
En
VOUT
D018
Figure 8-23. Turnon Time (Enable)
Time 1s/div
D08_
Figure 8-24. 0.1-Hz to 10-Hz Noise (VREF)
REF34-Q1
SBAS901C – JULY 2018 – REVISED OCTOBER 2020
www.ti.com
10
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: REF34-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com