Electronic Components Datasheet Search
  English  ▼

X  

LMS78 Datasheet(PDF) 1 Page - GAPTEC Electronic GmbH & Co. KG

Part # LMS78
Description  Wide Input Non-Isolated & Regulated, Single Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

LMS78 Datasheet(HTML) 1 Page - GAPTEC Electronic GmbH & Co. KG

  LMS78 Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG LMS78 Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG LMS78 Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 1 of 3
LMS78_2.0R – Rev. 2020-1.1
Specifications subject to change without notice.
LMS78_2.0R Series
Wide Input Non-Isolated & Regulated, Single Output
Operating temperature:
-40°C ~ +85°C
Short circuit protection
No-load input current as low
as 0.1mA
Efficiency up to 95%
Pin-out compatible with
LM78XX Linear
Meets EN62368 standards
The LMS78_2.0R series are high efficiency switching regulators and ideal
substitutes of LM78xx series three-terminal linear regulators. The
product is featured with high efficiency, low loss and no heat sink requi-
rement. They are widely used in industrial control, instrumentation,
and electric power applications.
Common specifications
Short circuit protection:
Continuous, self-recovery
Cooling:
Free air convection
Operating temperature range:
-40°C~+85°C
Storage temperature range:
-55°C ~+125°C
Pin Soldering Resistance Temperature: 260°C - Soldering time: 10s (Max.)
Operating case temperature:
100°C Max.
Storage humidity range:
< 95%
Package material:
Plastic [UL94-V0]
MTBF (@25°C, MIL-HDBK-217F):
>2,000,000 hours
Dimensions:
11.50*9.00*17.50 mm
Package weight:
3.8g
Note:
1. The maximum capacitive load offered were tested at input voltage range and
full load;
2. Unless otherwise specified, parameters in this datasheet were measured under
the conditions of Ta = 25°C, humidity <75% with nominal input voltage and
rated output load;
3. All index testing methods in this datasheet are based on our Company’s
corporate standards;
4. We can provide product customization service, please contact our technicians
directly for specific information;
5. Our products shall be classified according to ISO14001 and related environmen-
tal laws and regulations, and shall be handled by qualified units.
Output specifications
Item
Test conditions
Min
Typ
Max
Units
Output voltage
accuracy
• LMS78_03-2.0R
• Others
±2
±2
±4
±3
%
%
Line regulation
Full load, input voltage
range
±0.4
±0.8
%
Load regulation
10% to 100% load
±0.5
±1.5
%
Ripple + Noise*
20MHz Bandwidth
Nominal input voltage,
100% load
30
75
mVp-p
Temperature
coefficient
Operating temperature
-40 °C to +85 °C
±0.03 %/°C
Transient response
deviation
2,5V output
Nominal input, 25%
load step (25%-50%-
25%, 50%-75%-50%
step)
±80
±50
±150
±150
mV
mV
Transient recovery
time
Nominal input, 25%
load step (25%-50%-
25%, 50%-75%-50%
step)
0.2
1
ms
Switching frequency Full load, nominal
input
400
KHz
*Test ripple and noise by “parallel cable” method.
Input specifications
Item
Test conditions
Min
Typ
Max
Units
No-load input
current
Nominal input voltage,
2.5V output
Positive output
0.2
0.1
0.5
1
mA
mA
Reverse Polarity
Input
Avoid / Not protected
Input Filter
Capacitance filter
Switching Regulator
Example:
LMS78_05-2.0R
LM = Series; S = SIP Case; 05 = 5Vout; 2.0 = 2A; R = Revised
EMC specifications
EMI
CE
CISPR32/EN55032
CLASS B (refer to EMC recommended circuit, ②)
EMI
RE
CISPR32/EN55032
CLASS B (refer to EMC recommended circuit, ②)
EMS
ESD
IEC/EN61000-4-2
Contact ±6KV
perf. Criteria B
EMS
RS
IEC/EN61000-4-3
10V/m
perf. Criteria A
EMS
EFT
IEC/EN61000-4-4
±1KV
perf. Criteria B
(External Circuit Refer to recommended circuit, ①)
EMS
Surge
IEC/EN61000-4-5
line to line ±1KV
perf. Criteria B
(External Circuit Refer to recommended circuit, ①)
EMS
CS
IEC/EN61000-4-6
3 Vr.m.s
perf. Criteria A


Similar Part No. - LMS78

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
LMS78 GAPTEC-LMS78 Datasheet
1Mb / 3P
Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
LMS78 GAPTEC-LMS78 Datasheet
876Kb / 4P
Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
LMS78 GAPTEC-LMS78 Datasheet
1Mb / 4P
Wide Input Non-Isolated & Regulated, Single Output
LMS78-1.0R GAPTEC-LMS78-1.0R Datasheet
876Kb / 4P
Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
LMS78-1.5 GAPTEC-LMS78-1.5 Datasheet
1Mb / 4P
Wide Input Non-Isolated & Regulated, Single Output
More results

Similar Description - LMS78

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
K7805-1000 CRYSTEKCRYSTAL-K7805-1000_11 Datasheet
327Kb / 4P
WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
logo
MORNSUN Science& Techno...
K7805-1500 MORNSUN-K7805-1500 Datasheet
345Kb / 4P
WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7805M-1000 MORNSUN-K7805M-1000 Datasheet
317Kb / 4P
WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K78L01-1000R2 MORNSUN-K78L01-1000R2 Datasheet
387Kb / 4P
WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7801-500 MORNSUN-K7801-500 Datasheet
362Kb / 4P
WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7801-1500L MORNSUN-K7801-1500L Datasheet
399Kb / 4P
WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
KRB2005MS-2W MORNSUN-KRB2005MS-2W Datasheet
205Kb / 2P
WIDE INPUT NON-ISOLATED REGULATED SINGLE OUTPUT
K7805YMD-2000 MORNSUN-K7805YMD-2000 Datasheet
300Kb / 3P
WIDE INPUT NON-ISOLATED REGULATED SINGLE OUTPUT
logo
Toppower Electronic Tec...
TP78XX-2 TOPPOWER-TP78XX-2 Datasheet
672Kb / 3P
Wide Input Non-Isolated & Regulated Single Output
logo
GAPTEC Electronic GmbH ...
LCN78 GAPTEC-LCN78 Datasheet
356Kb / 2P
Wide Input Non-Isolated & Regulated, Single Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com