Electronic Components Datasheet Search
  English  ▼

X  

LMTO78 Datasheet(PDF) 3 Page - GAPTEC Electronic GmbH & Co. KG

Part # LMTO78
Description  Wide input, non-isolated & regulated, single output, SMD package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

LMTO78 Datasheet(HTML) 3 Page - GAPTEC Electronic GmbH & Co. KG

  LMTO78 Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG LMTO78 Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG LMTO78 Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG LMTO78 Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 3 of 4
LMTO78_0.5 – Rev. 2019-1.0
Specifications subject to change without notice.
LMTO78_0.5 Series
Wide input, non-isolated & regulated, single output, SMD package
Efficiency
Typical application circuit
LMTO78_05-0.5
LMTO78_05-0.5
LMTO78_15-0.5
LMTO78_15-0.5
Part number
C1
(ceramic capacitor)
C2
(ceramic capacitor)
LMTO78_03-0.5
10µF/50V
22µF/10V
LMTO78_05-0.5
10µF/50V
22µF/16V
LMTO78_09-0.5
10µF/50V
22µF/25V
LMTO78_12-0.5
10µF/50V
22µF/25V
LMTO78_15-0.5
10µF/50V
22µF/25V
Note:
1. The required C1 and C2 capacitors must be connected as close as possible
to the terminals of the module;
2. Refer to Table 1 for C1 and C2 capacitor values. For certain applications,
increased values and/or tantalum or low ESR electrolytic capacitors may
also be used instead;
3. Converter cannot be used for hot swap and with output in parallel;
4. To further reduce the output ripple and noise, we suggested the use of
a “LC” filter at the output terminals, with an inductor value (L) of 10µH-
47µH.
Table 1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com