Electronic Components Datasheet Search
  English  ▼

X  

LOS Datasheet(PDF) 1 Page - GAPTEC Electronic GmbH & Co. KG

Part # LOS
Description  Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

LOS Datasheet(HTML) 1 Page - GAPTEC Electronic GmbH & Co. KG

  LOS Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG LOS Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG LOS Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 1 of 3
LOS_6.0 – Rev. 2017-1.5
Specifications subject to change without notice.
LOS_6.0 Series
Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
Efficiency up to 94%
Operating temperature range:
-40°C ~ +85°C
Short circuit protection (SCP)
Input under-voltage lockout
SIP package
Compliant to RoHs directive
2002/95/EC
Switching Regulator
The LOS-6 series are high efficiency switching regulators. The product is
featured with high efficiency, low loss, short circuit protection and no
heat sink requirement.
They are widely used in wireless networks, Telecom/Datacom, distributed
power architectures, industry control systems, semiconductor
equipment, microprocessor power applications, etc.
Example:
LOS_12-06
LO = Series; S = SIP; 12 = Vin (nominal); 06 = Output current: 6A
Common specifications
Short circuit protection:
Hiccup, automatic recovery
Temperature rise at full load:
25°C MAX, 15°C TYP
Cooling:
Free air convection
Operation temperature range:
-40°C~+85°C (with derating)
Storage temperature range:
-55°C ~+125°C
Thermal shock:
MIL-STD-810F
Over temperature protection:
135°C TYP
Operating case temperature:
100°C
Storage humidity range:
< 95%RH
MTBF (+25°C MIL-HDBK-217F):
3.247x106 hours TYP
Weight:
2.8g
Output specifications
Item
Test conditions
Min
Typ
Max
Units
Output current
6
A
Voltage tole-
rance
Full load and Vin(nom.)
±2
%
Minimum load
0
%
Line regulation
Vin = Vin (min) to Vin
(max) at Full Load
±0.3
%
Load regulation
0% to 100% load
±0.5
%
Ripple + Noise*
20MHz Bandwidth
20
60
mVrms
mVp-p
Temperature
coefficient
±0.4
%/°C
Dynamic load
response*
Load change step (50%
to 100% or 100% to 50%
of Io (max)
Setting time (Vo<10%
peak deviation)
25
mS
Peak deviation
∆Io/∆t = 2.5A/uS,
Vin(nom)
200
mV
Dynamic load
response**
Load change step (50%
to 100% or 100% to 50%
of Io (max)
Setting time (Vo<10%
peak deviation)
50
mS
Peak deviation
∆Io/∆t = 2.5A/uS,
Vin(nom)
50
mV
Output current
limit
220
%
External load
capacitance
• ESR≥1mΩ
• ESR≥10mΩ
1000
3000
uF
uF
Switching frequency
300
KHz
Output voltage
overshoot-
startup
Vin = Vin (min) to
Vin (max); F.L.
1
%
Voltage
adjustability
(see fig.1)
• 05 series
• 12 series
0.7525
0.7525
3.3
5
V
V
* External with Cout = 1μF ceramic//10μF tantalum capacitors.
** External with Cout = 2×150μF polymer capacitors.
Input specifications
Item
Test conditions
Min
Typ
Max
Units
Voltage tolerance
• 05 series Vo (set)
• 12 series Vo (set)
2.4
8.3
5
12
5.5
14
VDC
VDC
Input current
Vin = Vin(min); Io =
Io (max)
6
A
Input filter*
C filter
No Load Current
• Vo (set) = 0.75VDC,
Vin = 5
• Vo (set) = 0.75VDC,
Vin = 12
• Vo (set) = 3.3VDC
Vin = 5
• Vo (set) = 5.0VDC
Vin = 12
20
19
45
100
mA
mA
mA
mA
Under Voltage
Lockout
Start-up Voltage
• Vin = 5
• in = 12
Shutdown Voltage
• Vin = 5
• in = 12
2.2
4.5
2
3.8
V
V
V
V
Input reflected
ripple current
5~20MHz, 1uH source
impedance
35
mAp-p
* It’s necessary to equip the external input capacitors at the input of the module.
The capacitors should connect as close as possible to the input terminals that
ensuring module stability. The external Cin is 2×150μF low-ESR polymer
capacitors // 2×47μF ceramic capacitors at least.


Similar Part No. - LOS

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
LOS-16 GAPTEC-LOS-16 Datasheet
683Kb / 3P
Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
logo
Festo Corporation.
LOS-3-1/8 FESTO-LOS-3-1/8 Datasheet
86Kb / 1P
Toggle lever valve
4/8/22
logo
Power-One
LOS4001-2RLD POWER-ONE-LOS4001-2RLD Datasheet
207Kb / 12P
DIN-Rail Mountable AC-DC (DC-DC) Converters
LOS4140-2RLD POWER-ONE-LOS4140-2RLD Datasheet
207Kb / 12P
DIN-Rail Mountable AC-DC (DC-DC) Converters
LOS4240-2RLD POWER-ONE-LOS4240-2RLD Datasheet
207Kb / 12P
DIN-Rail Mountable AC-DC (DC-DC) Converters
More results

Similar Description - LOS

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
LCN78 GAPTEC-LCN78 Datasheet
356Kb / 2P
Wide Input Non-Isolated & Regulated, Single Output
LME78 GAPTEC-LME78 Datasheet
2Mb / 4P
Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
LMO78 GAPTEC-LMO78 Datasheet
1Mb / 3P
Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
LMO78-1.0 GAPTEC-LMO78-1.0 Datasheet
1Mb / 4P
Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
LMO78-3.0 GAPTEC-LMO78-3.0 Datasheet
717Kb / 3P
Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
LMP78 GAPTEC-LMP78 Datasheet
1Mb / 3P
Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
LMP78-1.5 GAPTEC-LMP78-1.5 Datasheet
423Kb / 2P
Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
LMS78 GAPTEC-LMS78 Datasheet
1Mb / 3P
Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
LMS78-1.0R GAPTEC-LMS78-1.0R Datasheet
876Kb / 4P
Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
LOT-16 GAPTEC-LOT-16 Datasheet
683Kb / 3P
Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com