Electronic Components Datasheet Search
  English  ▼

X  

FTK6907F Datasheet(PDF) 5 Page - First Silicon Co., Ltd

Part # FTK6907F
Description  60V P-Channel MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK6907F Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  FTK6907F Datasheet HTML 1Page - First Silicon Co., Ltd FTK6907F Datasheet HTML 2Page - First Silicon Co., Ltd FTK6907F Datasheet HTML 3Page - First Silicon Co., Ltd FTK6907F Datasheet HTML 4Page - First Silicon Co., Ltd FTK6907F Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
FTK6907F
2019. 11. 26
5/5
Revision No : 0
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min
Max
Min
Max
A
9.860
10.460
0.389
0.411
A1
6.900
7.100
0.272
0.279
A2
3.100
3.500
0.123
0.137
B1
9.500
9.900
0.375
0.389
B2
4.500
4.900
0.178
0.192
B3
6.480
6.880
0.256
0.271
C
3.100
3.500
0.123
0.137
C1
12.270
12.870
0.484
0.506
C2
12.580
13.380
0.496
0.526
D
2.490
2.590
0.099
0.101
D1
1.070
1.470
0.043
0.057
D2
0.700
0.900
0.028
0.035
K
2.900
3.300
0.115
0.129
E1
2.340
2.740
0.093
0.107
E3
0.400
0.600
0.016
0.023
E4
2.560
2.960
0.101
0.116
DIA
1.45
1.55
0.058
0.061
TO-220F PACKAGE INFORMATION



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com