Electronic Components Datasheet Search
  English  ▼

X  

M2MNV Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M2MNV
Description  Super-mini Signal Conditioners Mini-M Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2MNV Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M2MNV Datasheet HTML 1Page - M-System Co.,Ltd. M2MNV Datasheet HTML 2Page - M-System Co.,Ltd. M2MNV Datasheet HTML 3Page - M-System Co.,Ltd. M2MNV Datasheet HTML 4Page - M-System Co.,Ltd. M2MNV Datasheet HTML 5Page - M-System Co.,Ltd. M2MNV Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MODEL: M2MNV
M2MNV SPECIFICATIONS
ES-5095 Rev.9 Page 1/6
http://www.m-system.co.jp/
Super-mini Signal Conditioners Mini-M Series
ANALOG SWITCHING MODULE
Functions & Features
• Switches between two analog signal channels
• Switches/Distributes one voltage signal to two channels
Typical Applications
• Switching 1 – 5V DC signal: no contact failure that
happens when using mechanical contacts for this purpose
• Switching low-speed pulse signals
Model
29.5 (1.16)
76
(2.99)
mm (inch)
124
(4.88)
MODEL: M2MNV-[1][2]-[3][4]
ORDERING INFORMATION
• Code number: M2MNV-[1][2]-[3][4]
Specify a code from below for each of [1] through [4].
(e.g. M2MNV-11-M2/CE/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01)
Note: Must be used with its socket. NOT installable to a
multi-unit installation base. (e.g. model: M2BS-16)
[1] SWITCHING CONTROL
1: Interlocking switching control (single-pole contact)
2: Independent switching control (double-pole contact)
[2] INPUT
1: Current signal (no receiving resistor)
2: Current signal (receiving resistor 50 Ω)
3: Voltage signal
[3] POWER INPUT
AC Power
M: 85 – 264 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
(Select ‘/N’ for ‘Standards & Approvals’ code.)
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
R2: 11 – 27 V DC
(Operational voltage range 11 – 27 V, ripple 10 %p-p max.)
(Select ‘/N’ for ‘Standards & Approvals’ code.)
P: 110 V DC
(Operational voltage range 85 – 150 V, ripple 10 %p-p max.)
[4] OPTIONS (multiple selections)
Standards & Approvals (must be specified)
/N: Without CE
/CE: CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3 screw terminals (torque 0.8 N·m)
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Switching: Photo MOSFET relay
Isolation: Signal channel to switching command contact to
power
Power indicator LED: Green light turns on when the power is
supplied.
Status indicator LED 1: Green light turns on when the signal
channel 1 (A1-B1) is alive.
Status indicator LED 2: Green light turns on when the signal
channel 2 (A2-B1) is alive.
INPUT & OUTPUT
■ Signal Channels
Max. operational voltage range: ±50 V DC (min. span 10
mV)
Max. operational current range: ±50 mA DC (min. span 1
mA)
Max. operational frequency range: 100 Hz
Receiving resistor: 50 Ω incorporated (input code 2)


Similar Part No. - M2MNV

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
M2M QUECTEL-M2M Datasheet
857Kb / 2P
Ultra-small Quad-band GSM/GPRS Module
logo
List of Unclassifed Man...
M2M1 ETC1-M2M1 Datasheet
179Kb / 2P
MEDIUM CURRENT SILICON RECTIFIERS
M2M5 ETC1-M2M5 Datasheet
179Kb / 2P
MEDIUM CURRENT SILICON RECTIFIERS
M2M9 ETC1-M2M9 Datasheet
179Kb / 2P
MEDIUM CURRENT SILICON RECTIFIERS
logo
M-System Co.,Ltd.
M2MLS MSYSTEM-M2MLS Datasheet
104Kb / 3P
Super-mini Signal Conditioners Mini-M Series
More results

Similar Description - M2MNV

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M2AP MSYSTEM-M2AP Datasheet
133Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2AMS2 MSYSTEM-M2AMS2 Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2DYS MSYSTEM-M2DYS Datasheet
106Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2DYHR MSYSTEM-M2DYHR Datasheet
107Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2BW MSYSTEM-M2BW Datasheet
88Kb / 2P
Super-mini Signal Conditioners Mini-M Series
M2LMS MSYSTEM-M2LMS Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2FV MSYSTEM-M2FV Datasheet
113Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2PHS2 MSYSTEM-M2PHS2 Datasheet
128Kb / 5P
Super-mini Signal Conditioners Mini-M Series
M2XV2 MSYSTEM-M2XV2 Datasheet
118Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2VF MSYSTEM-M2VF Datasheet
111Kb / 6P
Super-mini Signal Conditioners Mini-M Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com