Electronic Components Datasheet Search
  English  ▼

X  

MSP3431G Datasheet(PDF) 22 Page - Micronas

Part # MSP3431G
Description  Multistandard Sound Processor Family with Virtual Dolby Surround
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3431G Datasheet(HTML) 22 Page - Micronas

Back Button MSP3431G Datasheet HTML 18Page - Micronas MSP3431G Datasheet HTML 19Page - Micronas MSP3431G Datasheet HTML 20Page - Micronas MSP3431G Datasheet HTML 21Page - Micronas MSP3431G Datasheet HTML 22Page - Micronas MSP3431G Datasheet HTML 23Page - Micronas MSP3431G Datasheet HTML 24Page - Micronas MSP3431G Datasheet HTML 25Page - Micronas MSP3431G Datasheet HTML 26Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 102 page
background image
MSP 34x1G
PRELIMINARY DATA SHEET
22
MICRONAS INTERMETALL
Table 3–5: List of MSP 34x1G Write Registers
Write Register
Address
(hex)
Bits
Description and Adjustable Range
Reset
See
Page
I2C Subaddress = 10hex ; Registers are not readable
STANDARD SELECT
00 20
[15..0]
Initial Programming of complete Demodulator
00 00
26
MODUS
00 30
[15..0]
Demodulator, Automatic and I2S options
00 00
28
I2C Subaddress = 12hex ; Registers are all readable by using I
2C Subaddress = 13
hex
Volume loudspeaker channel
00 00
[15..8]
[
+12 dB ... −114 dB, MUTE]
MUTE
33
Volume / Mode loudspeaker channel
[7..0]
1/8 dB Steps,
Reduce Volume / Tone Control / Compromise
00hex
Balance loudspeaker channel [L/R]
00 01
[15..8]
[0...100 / 100% and 100 / 0...100%]
[
−127...0 / 0 and 0 / −127...0 dB]
100% /100%
34
Balance mode loudspeaker
[7..0]
[Linear mode / logarithmic mode]
linear mode
Bass loudspeaker channel
00 02
[15..8]
[
+20 dB ... −12 dB]
0 dB
35
Treble loudspeaker channel
00 03
[15..8]
[
+15 dB ... −12 dB]
0 dB
36
Loudness loudspeaker channel
00 04
[15..8]
[0 dB ...
+17 dB]
0 dB
37
Loudness filter characteristic
[7..0]
[NORMAL, SUPER_BASS]
NORMAL
Spatial effect strength loudspeaker ch.
00 05
[15..8]
[
−100%...OFF...+100%]
OFF
38
Spatial effect mode/customize
[7..0]
[SBE, SBE
+PSE]
SBE
+PSE
Volume headphone channel
00 06
[15..8]
[
+12 dB ... −114 dB, MUTE]
MUTE
33
Volume / Mode headphone channel
[7..0]
1/8 dB Steps, Reduce Volume / Tone Control
00hex
Volume SCART1 output channel
00 07
[15..8]
[
+12 dB ... −114 dB, MUTE]
MUTE
39
Loudspeaker source select
00 08
[15..8]
[FM/AM, NICAM, SCART, I2S1, I2S2]
FM/AM
32
Loudspeaker channel matrix
[7..0]
[SOUNDA, SOUNDB, STEREO, MONO...]
SOUNDA
32
Headphone source select
00 09
[15..8]
[FM/AM, NICAM, SCART, I2S1, I2S2]
FM/AM
32
Headphone channel matrix
[7..0]
[SOUNDA, SOUNDB, STEREO, MONO...]
SOUNDA
32
SCART1 source select
00 0A
[15..8]
[FM/AM, NICAM, SCART, I2S1, I2S2]
FM/AM
32
SCART1 channel matrix
[7..0]
[SOUNDA, SOUNDB, STEREO, MONO...]
SOUNDA
32
I2S source select
00 0B
[15..8]
[FM/AM, NICAM, SCART, I2S1, I2S2]
FM/AM
32
I2S channel matrix
[7..0]
[SOUNDA, SOUNDB, STEREO, MONO...]
SOUNDA
32
Quasi-peak detector source select
00 0C
[15..8]
[FM/AM, NICAM, SCART, I2S1, I2S2]
FM/AM
32
Quasi-peak detector matrix
[7..0]
[SOUNDA, SOUNDB, STEREO, MONO...]
SOUNDA
32
Prescale SCART input
00 0D
[15..8]
[00hex ... 7Fhex]00hex
31
Prescale FM/AM
00 0E
[15..8]
[00hex ... 7Fhex]00hex
30
FM matrix
[7..0]
[NO_MAT, GSTEREO, KSTEREO]
NO_MAT
31
Prescale NICAM
00 10
[15..8]
[00hex ... 7Fhex] (MSP 3411G, MSP 3451G only)
00hex
31
Prescale I2S2
00 12
[15..8]
[00hex ... 7Fhex]10hex
31
ACB : SCART Switches a. D_CTR_I/O
00 13
[15..0]
Bits [15..0]
00hex
40
Beeper
00 14
[15..0]
[00hex ... 7Fhex]/[00hex ... 7Fhex]
00/00hex
40
Prescale I2S1
00 16
[15..8]
[00hex ... 7Fhex]10hex
31
Mode tone control
00 20
[15..8]
[BASS/TREBLE, EQUALIZER]
BASS/TREB
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com