Electronic Components Datasheet Search
  English  ▼

X  

SWG622 Datasheet(PDF) 1 Page - Suntsu Electronics, Inc.

Part # SWG622
Description  Gull-Wing SMT Watch Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTSU [Suntsu Electronics, Inc.]
Direct Link  https://suntsu.com/
Logo SUNTSU - Suntsu Electronics, Inc.

SWG622 Datasheet(HTML) 1 Page - Suntsu Electronics, Inc.

  SWG622 Datasheet HTML 1Page - Suntsu Electronics, Inc. SWG622 Datasheet HTML 2Page - Suntsu Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SWG622 Series
Gull-Wing SMT Watch Crystal
6.3mm x 2.5mm
Call: +1-949-783-7300 | Fax: +1-949-783-7301
Specifications are subject
to change without notice.
www.suntsu.com
Suntsu Electronics, Inc.
142 TECHNOLOGY DR., SUITE 150
IRVINE, CA 92618
• ±20ppm (Tolerance) Available
• Gull-Wing Leads For SMD Type
• Reflow Capable
• Tape and Reel
• Real Time Clock
• Measurement instruments
• Wireless Applications
Features
Applications
Frequency Range
Frequency Coefficient (ß)
Turnover Temperature
Frequency Stability vs. Aging
Storage Temperature
Load Capacitance
Shunt Capacitance
First year @ +25ºC.
See part numbering guide for options.
32.768
-0.034
+25
1.5
kHz
ppm/T2
°C
ppm
°C
pF
pF
-0.028
+30
+125
12.5
-0.040
+20
-3
-55
6
Drive Level
Insulation Resistance
Equivalent Series Resistance
@ 100VDC ± 15V.
µW
MΩ
kΩ
1
50
500
+3
Operating Temperature
See part numbering guide for options.
°C
+85
-40
Frequency Tolerance at +25ºC
See part numbering guide for options.
ppm
-20
+20
All dimensions are in millimeters (mm) unless otherwise noted. Drawings are not to scale.
Outline Drawing & Recommended Land Pattern
SWG 62 2 12 D 48 - 32.768K
Cage Code: 4GUT4
To customize your parameters contact a Suntsu representative.
SUNTSU GULL-WING
CRYSTAL
6.3mm x 2.5mm
2 LEAD
OPERATING TEMPERATURE
RANGE
Part Numbering Guide
COMPLIANT
FREQUENCY
TOLERANCE
FREQUENCY
D : ±20ppm
F : ±10ppm
16 : -10°C - +60°C
48 : -40°C - +85°C
kHz
LOAD
CAPACITANCE
12 : 12.5pF
9 : 9.0pF
7 : 7.0pF
6 : 6.0pF
Typical
Units
Electrical Parameters
Maximum
Remarks
Minimum


Similar Part No. - SWG622

ManufacturerPart #DatasheetDescription
logo
Suntsu Electronics, Inc...
SWG6J2 SUNTSU-SWG6J2 Datasheet
297Kb / 2P
Gull-Wing SMT Watch Crystal
SWG6J212D16 SUNTSU-SWG6J212D16 Datasheet
297Kb / 2P
Gull-Wing SMT Watch Crystal
SWG6J212D48 SUNTSU-SWG6J212D48 Datasheet
297Kb / 2P
Gull-Wing SMT Watch Crystal
SWG6J212D48-32.768K SUNTSU-SWG6J212D48-32.768K Datasheet
297Kb / 2P
Gull-Wing SMT Watch Crystal
SWG6J212F16 SUNTSU-SWG6J212F16 Datasheet
297Kb / 2P
Gull-Wing SMT Watch Crystal
More results

Similar Description - SWG622

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTSM3302AG-UY MARKTECH-MTSM3302AG-UY Datasheet
33Kb / 1P
Marktech Gull Wing SMT LEDs
logo
DOMINANT Semiconductors
DDB-CRS-PQ2-1 DOMINANT-DDB-CRS-PQ2-1 Datasheet
185Kb / 10P
LED InGaN - Reverse Gull-wing
logo
TEMEX
QEUM5 TEMEX-QEUM5 Datasheet
450Kb / 3P
UM5 Crystal - Through Hole & Gull Wing SMD packaged
QEUM1 TEMEX-QEUM1 Datasheet
464Kb / 4P
UM1 Crystal - Through Hole & Gull Wing SMD packaged
QEHC49-GW TEMEX-QEHC49-GW Datasheet
431Kb / 3P
HC49 Gull-Wing Crystal - SMD packaged
logo
LUMEX INC.
SSL-LXA228GC-TR11 LUMEX-SSL-LXA228GC-TR11 Datasheet
63Kb / 1P
AXIAL LED, GULL WING LEADS
SSL-LXA228IC-TR11 LUMEX-SSL-LXA228IC-TR11 Datasheet
64Kb / 1P
AXIAL LED, GULL WING LEADS
logo
Micropac Industries
66288 MICROPAC-66288 Datasheet
46Kb / 2P
HIGH GAIN GULL WING OPTOCOUPLER
logo
LUMEX INC.
SSL-LXA228SGC-TR11 LUMEX-SSL-LXA228SGC-TR11 Datasheet
64Kb / 1P
Axial LED, GUll WING LEADS
logo
Suntsu Electronics, Inc...
SWG6J2 SUNTSU-SWG6J2 Datasheet
297Kb / 2P
Gull-Wing SMT Watch Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com