Electronic Components Datasheet Search
  English  ▼

X  

ULC3321 Datasheet(PDF) 6 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # ULC3321
Description  LOW CAPACITANCE TVS DIODE ARRAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

ULC3321 Datasheet(HTML) 6 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  ULC3321 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd ULC3321 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd ULC3321 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd ULC3321 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd ULC3321 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd ULC3321 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd ULC3321 Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Rev :
www.leiditech.com
01.06.2019
6/7
ULC3321
Transmission Line Pulse (TLP) is a measurement technique used in the Electrostatic Discharge (ESD) arena
to characterize performance attributes of devices under ESD stresses. TLP is able to obtain current versus
voltage (I−V) curves in which each data point is obtained with a 100 ns long pulse, with currents up to 40 A.
TLP was first used in the ESD field to study human body model (HBM) in integrated circuits, but it is an
equally valid tool in the field of system level ESD. The applicability of TLP to system level ESD is illustrated
in Figure 1, which compares an 8 kV IEC 61000−4−2 current waveform with TLP current pulses of 8 and 16 A.
The current levels and time duration for the pulses are similar and the initial rise time for the TLP pulse is
comparable to the rise time of the IEC 61000−4−2’s initial current spike. This application note will give a
basic introduction to TLP measurements and explain the datasheet parameters extracted from TLP for
SDI Technology’s protection products.
Comparison of a CurrentWaveform of IEC 61000−4−2with TLP Pulses at 8 and 16 A.
The IEC 61000−4−2 ESD waveforms is true to the Standard and is shown here as captured on an oscilloscope.
The points A, B, and C show the points on the aveforms specified in IEC 61000−4−2.
Transmission Line Pulse (TLP) Version.
Figure 7. Transmission Line Pulse (TLP)
Comparison
Between 8 kV IEC
61000−4−2 and 8
A and 16 A TLP
Waveforms



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com