Electronic Components Datasheet Search
  English  ▼

X  

MSK1933 Datasheet(PDF) 6 Page - M.S. Kennedy Corporation

Part # MSK1933
Description  ULTRA HIGH SPEED/VOLTAGE NEGATIVE OUTPUT VIDEO AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK1933 Datasheet(HTML) 6 Page - M.S. Kennedy Corporation

  MSK1933 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK1933 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK1933 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK1933 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK1933 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK1933 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MECHANICAL SPECIFICATIONS
The information contained herein is believed to be accurate at the time of printing. MSK reserves the right to make
changes to its products or specifications without notice, however, and assumes no liability for the use of its products.
M.S. Kennedy Corp.
4707 Dey Road, Liverpool, New York 13088
Phone (315) 701-6751
FAX (315) 701-6752
www.mskennedy.com
Rev. A 8/00
PART
NUMBER
MSK 1933S-0
MSK 1933D-0
MSK 1933U-0
MSK 1933S-2
MSK 1933D-2
MSK 1933U-2
MSK 1933S-4
MSK 1933D-4
MSK 1933U-4
MSK 1933S-6
MSK 1933D-6
MSK 1933U-6
LEAD
OPTION
STRAIGHT
DOWN
UP
STRAIGHT
DOWN
UP
STRAIGHT
DOWN
UP
STRAIGHT
DOWN
UP
-VHV
MAX
-95V
-95V
-75V
-120V
INTERNAL
RP
NONE
400Ω
200Ω
400Ω
3.5nS
3.0nS
2.5nS
6.0nS
TYPICAL
RISE TIME
SCREENING
LEVEL
Industrial
Industrial
Industrial
Industrial
ORDERING INFORMATION
ALL DIMENSIONS ARE ±0.010 INCHES UNLESS OTHERWISE LABELED.
ESD TRIANGLE INDICATES PIN 1.
TORQUE SPECIFICATION 4 TO 6 IN/LBS.
6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com