Electronic Components Datasheet Search
  English  ▼

X  

FTD1466 Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FTD1466
Description  60V 800mA 480KHz synchronous Buck Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD1466 Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FTD1466 Datasheet HTML 1Page - First Silicon Co., Ltd FTD1466 Datasheet HTML 2Page - First Silicon Co., Ltd FTD1466 Datasheet HTML 3Page - First Silicon Co., Ltd FTD1466 Datasheet HTML 4Page - First Silicon Co., Ltd FTD1466 Datasheet HTML 5Page - First Silicon Co., Ltd FTD1466 Datasheet HTML 6Page - First Silicon Co., Ltd FTD1466 Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2019. 01. 04
4/7
Revision No : 0
FTD1466
Thermal Characteristics
Symbol
Parameter
Typical Value
Unit
θJA
Junction-to-Ambient Resistance in free air (Note 2)
SOT-23-6
250
°C/W
Note 2: θJA is measured with the component mounted on a high effective thermal conductivity test board in free air.
Recommended Operation Conditions (Note3)
Symbol
Parameter
Range
Unit
VIN
VIN Supply Voltage
11 ~ 60
V
VOUT
Converter Output Voltage
VFB ~ VIN*90%
V
Operating Junction Temp
-40 ~ 125
oC
Note 3: Refer to the typical application circuit
Electrical Characteristics
Unless otherwise specified, these specifications apply over VIN=12V, VEN=3V and TA = 25℃
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VFB
Feedback Voltage
10V ≤ VIN ≤ 60V
0.792
0.812
0.832
V
IFB
Feedback Current
VFB = 0.85V
-
-
0.1
µ
A
RDS(ON) Switch-On Resistance
-
0.7
-
Ω
ISW_LKG Switch Leakage
VEN=0V,VSW=0V
-
-
1
µ
A
ILIM
Current Limit
-
1.25
-
A
fSW
Oscillator Frequency
VFB=0.6V
380
480
580
kHZ
fSW_F
Foldback Frequency
VFB=0V
-
120
-
KHZ
DMAX
Maximum Duty Cycle
VFB=0.6V
-
90
-
%
TON
Minimum ON-Time
-
100
-
ns
VUVLO_R
Under-Voltage Lockout
Threshold, Rising
-
7.5
8.5
V
VUVLO_F
Under-Voltage Lockout
Threshold, Falling
-
7.1
-
V
VUVLO_HYS
Under-Voltage Lockout
Threshold,Hysteresis
-
0.4
-
V
VEN_R
EN Threshold, Rising
-
1.35
-
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com