| Electronic Components Datasheet Search |
|
PRT2011CVL4A Datasheet(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PRT2011CVL4A Datasheet(HTML) 8 Page - NXP Semiconductors |
|
8 / 112 page ![]() i.MX RT1064 Crossover Processors Data Sheet for Consumer Products, Rev. 2, 08/2020 8 NXP Semiconductors Architectural Overview 2 Architectural Overview The following subsections provide an architectural overview of the i.MX RT1064 processor system. 2.1 Block diagram Figure 2 shows the functional modules in the i.MX RT1064 processor system. . Figure 2. i.MX RT1064 system block diagram Internal Memory 512 KB SRAM 128 KB ROM Multimedia Connectivity eMMC 4.5 / SD 3.0 x2 8 x 8 Keypad External Memory I2C x4 UART x8 S/PDIF Tx / Rx GPIO SPI x4 ADC System Control Secure JTAG PLL / OSC RTC and Reset Enhanced DMA IOMUX GP Timer x6 CPU Platform Arm Cortex-M7 32 KB I-cache 32 KB D-cache FPU Dual-channel QuadSPI External Memory Controller 8-bit / 16-bit SDRAM Parallel NOR FLASH NAND FLASH PSRAM MPU NVIC 512 KB TCM/OCRAM FlexCAN x2 + FlexCAN ( with USB 2.0 OTG with PHY x2 10 / 100 ENET x2 with IEEE 1588 ADC x2 (16-Channel) ACMP x4 8 / 16 / 24-bit Parallel CSI 24-bit Parallel LCD Arm Cortex-M7 32 KB I-cache 32 KB D-cache FPU MPU NVIC 512 KB TCM/OCRAM PXP 2D Graphics Acceleration Resize, CSC, Overlay, Rotation Quadrature ENC x4 QuadTimer x4 FlexPWM x4 Watch Dog x4 Power Management DCDC LDO Temp Monitor Security Ciphers and RNG Secure RTC eFuse HAB I2S / SAI x3 Octal/Hyper Flash/RAM x1 FlexIO x2 HS_GPIO FlexIO XBAR/AOI Flexible Data-Rate supported) 4 MB Flash 20-Channel in total |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |