Electronic Components Datasheet Search
  English  ▼

X  

80CL51 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # 80CL51
Description  Low-voltage single-chip 8-bit microcontrollers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80CL51 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button 80CL51 Datasheet HTML 24Page - NXP Semiconductors 80CL51 Datasheet HTML 25Page - NXP Semiconductors 80CL51 Datasheet HTML 26Page - NXP Semiconductors 80CL51 Datasheet HTML 27Page - NXP Semiconductors 80CL51 Datasheet HTML 28Page - NXP Semiconductors 80CL51 Datasheet HTML 29Page - NXP Semiconductors 80CL51 Datasheet HTML 30Page - NXP Semiconductors 80CL51 Datasheet HTML 31Page - NXP Semiconductors 80CL51 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
Philips Semiconductors
Product specification
80CL31/80CL51
Low-voltage single-chip 8-bit microcontrollers
January 1995
28
4.0
DC CHARACTERISTICS P80C51
VSS = 0V; VDD = 5V ± 10%; fclk = 3.5 to 16MHz; TAMB = -40 to +85°C; all voltages with respect to VSS unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD
Supply voltage
VSS = 0V
4.5
-
5.5
V
Supply Current
IDD
Operating (Note 1)
fCLK = 16MHz, VDD = 5V
–
–
24
mA
IDD
Idle mode (Note 2)
fCLK = 16MHz, VDD = 5V
–
–
10
mA
IPD
Power down (Note 3)
VDD = 5V
–
–
50
µA
Inputs
VIL
Input voltage LOW
VSS
–
0.3VDD
V
VIH
Input voltage HIGH
0.7VDD
–
VDD
V
IIL
Input current logic 0 (Port 1, 2, 3)
VIN = 0.4V
–
–
100
µA
IIL
Input current logic 1 to 0 transition (Port 1, 2, 3)
VIN = VDD/2
–
–
1.0
mA
IIL
Input leakage current (Port 0, EA)
VSS < VI < VDD
–
–
10
µA
Outputs
IOL
Output sink current LOW
VOL = 0.4V
1.6
–
–
mA
IOH
Output source current HIGH
(push-pull options only)
VOH = VDD – 0.4V
1.6
–
–
mA
RRST
RST pull-down resistor
10
–
200
k
Ω
NOTES:
1. The operating supply current is measured with all output pins disconnected; XTAL 1 driven with tR = tF = 10ns;
VIL = VSS; VIH = VDD; XTAL 2 not connected; EA = RST = Port 0 = VDD; all open drain outputs connected to VSS.
2. The idle mode supply current is measured with all output pins disconnected; XTAL 1 driven with tR = tF = 10ns;
VIL = VSS. XTAL 2 not connected; EA = Port 0 = VDD; RST = VSS; all open drain outputs connected to VSS.
3. The power-down current is measured with all output pins disconnected; XTAL 1 not connected;
EA = Port 0 = VDD; RST = VSS; all open drain outputs connected to VSS.
4. Please note, option “ON” is only available on P80CL51.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com