Electronic Components Datasheet Search
  English  ▼

X  

ACT-S128K32 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # ACT-S128K32
Description  High Speed 4 Megabit SRAM Multichip Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-S128K32 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  ACT-S128K32 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-S128K32 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-S128K32 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-S128K32 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-S128K32 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-S128K32 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-S128K32 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-S128K32 Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-S128K32 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
eroflex Circuit Technology - Advanced Multichip Modules © SCD1659 REV E 5/21/01
128Kx8
128Kx8
128Kx8
128Kx8
CE4
OE
A0 – A16
I/O0-7
I/O8-15
I/O16-23
I/O24-31
88
8
8
CE3
WE
CE1
CE2
Block Diagram – PGA Type Package(P2,P7) & CQFP(F2,F18)
128Kx8
128Kx8
128Kx8
128Kx8
CE4
OE
A0 – A16
I/O0-7
I/O8-15
I/O16-23
I/O24-31
88
8
8
CE3 WE4
WE3
WE2
WE1 CE1
CE2
Block Diagram – CQFP(F1)
Pin Description
I/O0-31
Data I/O
A0–16
Address Inputs
WE1–4
Write Enables
CE1–4
Chip Enables
OE
Output Enable
Vcc
Power Supply
GND
Ground
NC
Not Connected
Pin Description
I/O0-31
Data I/O
A0–16
Address Inputs
WE
Write Enable
CE1–4
Chip Enables
OE
Output Enable
Vcc
Power Supply
GND
Ground
NC
Not Connected
General Description
The ACT–S128K32 is a High
Speed 4 megabit CMOS SRAM
Multichip
Module
(MCM)
designed for full temperature
range, military, space, or high
reliability mass memory and
fast cache applications.
The MCM can be organized
as a 128K x 32 bits, 256K x 16
bits or 512k x 8 bits device and
is
input
and
output
TTL
compatible. Writing is executed
when the write enable (WE)
and chip enable (CE) inputs are
low. Reading is accomplished
when WE is high and CE and
output enable (OE) are both
low. Access time grades of
17ns, 20ns, 25ns, 35ns, 45ns
and
55ns
maximum
are
standard.
The +5 Volt power supply
version is standard and the
+3.3 Volt low power model is
available (See ACT-S128K32V
data sheet).
The products are designed for
operation over the temperature
range of -55°C to +125°C and
screened under the full military
environment.
DESC Standard
Military Drawing (SMD) part
numbers
are
released
and
available.
The
ACT-S128K32
is
manufactured
in
Aeroflex’s
80,000ft2
MIL-PRF-38534
certified facility in Plainview,
N.Y.
Features
■ 4 Low Power CMOS 128K x 8 SRAMs in one MCM
■ Overall configuration as 128K x 32
■ Input and Output TTL Compatible
■ 17, 20, 25, 35, 45 & 55ns Access Times, 15ns Available by Special Order
■ Full Military (-55°C to +125°C) Temperature Range
■ +5V Power Supply
■ Choice of 7 Hermetically sealed Co-fired Packages:
● 68–Lead, Low Profile CQFP (F1), 1.56"SQ x .140"max
● 68–Lead, Dual-Cavity CQFP (F2), .88"SQ x .20"max (.18"max thickness
available, contact factory for details)
(Drops into the 68 Lead JEDEC .99"SQ
CQFJ footprint)
● 68–Lead, Single-Cavity CQFP (F18), .94"SQ x .140"max (Drops into the 68
Lead JEDEC .99"SQ CQFJ footprint)
● 66–Lead, PGA-Type (P2,P6 with/without shoulders), 1.185"SQ x .245"max
● 66–Lead, PGA-Type (P7,P3 with/without shoulders), 1.08"SQ x .160"max
■ Internal Decoupling Capacitors
■ DESC SMD# 5962–93187 Released (P2,P3,P6,P7)
5962–95595 Released (F1,F2,F18)
CIRCUIT TECHNOLOGY
www.aeroflex.com
ACT-S128K32 High Speed
4 Megabit SRAM Multichip Module


Similar Part No. - ACT-S128K32

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-S128K32V AEROFLEX-ACT-S128K32V Datasheet
120Kb / 7P
ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACT-S128K32V-017F2Q AEROFLEX-ACT-S128K32V-017F2Q Datasheet
120Kb / 7P
ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACT-S128K32V-017P7Q AEROFLEX-ACT-S128K32V-017P7Q Datasheet
120Kb / 7P
ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACT-S128K32V-020F2Q AEROFLEX-ACT-S128K32V-020F2Q Datasheet
120Kb / 7P
ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACT-S128K32V-020P7Q AEROFLEX-ACT-S128K32V-020P7Q Datasheet
120Kb / 7P
ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
More results

Similar Description - ACT-S128K32

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-S128K32V AEROFLEX-ACT-S128K32V Datasheet
120Kb / 7P
ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
ACTE128K32 AEROFLEX-ACTE128K32 Datasheet
171Kb / 12P
ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACTF128K32 AEROFLEX-ACTF128K32 Datasheet
201Kb / 20P
ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
logo
List of Unclassifed Man...
EDI8F4258C ETC1-EDI8F4258C Datasheet
284Kb / 7P
HIGH SPEED MEGABIT SRAM MODULE
EDI8F16256C ETC1-EDI8F16256C Datasheet
370Kb / 7P
HIGH SPEED 4 MEGABIT SRAM MODULE
EDI8M1664C ETC1-EDI8M1664C Datasheet
452Kb / 8P
HIGH SPEED MEGABIT SRAM MODULE
EDI8M1665C ETC1-EDI8M1665C Datasheet
282Kb / 6P
HIGH SPEED MEGABIT SRAM MODULE
EDI8M4257C ETC1-EDI8M4257C Datasheet
234Kb / 5P
HIGH SPEED MEGABIT SRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com