Electronic Components Datasheet Search
  English  ▼

X  

C3015 Datasheet(PDF) 1 Page - IMP, Inc

Part # C3015
Description  CMOS 3um Digital
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

C3015 Datasheet(HTML) 1 Page - IMP, Inc

  C3015 Datasheet HTML 1Page - IMP, Inc C3015 Datasheet HTML 2Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
89
© IMP, Inc.
Process C3015
CMOS 3
µm
Digital
Electrical Characteristics
T=25oC Unless otherwise noted
ISO 9001 Registered
®
N-Channel Transistor
Symbol
Minimum
Typical
Maximum
Unit
Comments
Threshold Voltage
VTN
0.6
0.8
1.0
V
100x3
µm
Body Factor
γ
N
0.6
V1/2
100x3
µm
Conduction Factor
βN
42
47
52
µA/V2
100x100
µm
Effective Channel Length
LeffN
2.85
3.2
3.55
µm
100x3
µm
Width Encroachment
∆WN
0.7
µm
Per side
Punch Through Voltage
BVDSSN
12
V
Poly Field Threshold Voltage
VTFP(N)
12
V
P-Channel Transistor
Symbol
Minimum
Typical
Maximum
Unit
Comments
Threshold Voltage
VTP
–0.6
–0.8
–1.0
V
100x3
µm
Body Factor
γ
P
0.55
V1/2
100x3
µm
Conduction Factor
βP
13
15
19
µA/V2
100x100
µm
Effective Channel Length
LeffP
2.85
3.2
3.55
µm
100x3
µm
Width Encroachment
∆WP
0.9
µm
Per side
Punch Through Voltage
BVDSSP
–12
V
Poly Field Threshold Voltage
VTFP(P)
–12
V
Diffusion & Thin Films
Symbol
Minimum
Typical
Maximum
Unit
Comments
Well (field) Sheet Resistance
ρ
P-well(f)
3.2
4.8
6.5
K
Ω/
P-well
N+ Sheet Resistance
ρ
N+
16
21
27
Ω/
N+ Junction Depth
xjN+
0.8
µm
P+ Sheet Resistance
ρ
P+
50
80
100
Ω/
P+ Junction Depth
xjP+
0.7
µm
Gate Oxide Thickness
TGOX
37.5
40.0
42.5
nm
Gate Poly Sheet Resistance
ρ
POLY1
15
22
30
Ω/
Metal-1 Sheet Resistance
ρ
M1
30
60
m
Ω/
Passivation Thickness
TPASS
200+900
nm
oxide+nit.
Capacitance
Symbol
Minimum
Typical
Maximum
Unit
Comments
Gate Oxide
COX
0.66
0.72
0.78
fF/
µm2
Metal-1 to Poly-1
CM1P
0.0523
fF/
µm2
Metal-1 to Silicon
CM1S
0.026
0.030
0.034
fF/
µm2


Similar Part No. - C3015

ManufacturerPart #DatasheetDescription
logo
Powerbox
C301 POWERBOX-C301 Datasheet
376Kb / 1P
150 WATTS (AC) DC/DC SINGLE OUTPUT
logo
Chip Integration Techno...
C30100CT CITC-C30100CT Datasheet
486Kb / 3P
30A Trench Schottky Rectifier
logo
Savantic, Inc.
C3012 SAVANTIC-C3012 Datasheet
140Kb / 3P
Silicon NPN Power Transistors
logo
IMP, Inc
C3013 IMP-C3013 Datasheet
26Kb / 2P
CMOS 3mm 10 Volt Single Metal Analog
C3014 IMP-C3014 Datasheet
26Kb / 2P
CMOS 3mm 5 Volt Single Metal Analog
More results

Similar Description - C3015

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
AC74HC40105AP TOSHIBA-AC74HC40105AP Datasheet
380Kb / 8P
CMOS DIGITAL INTEGRATED CIRCUIT
logo
IMP, Inc
C3025 IMP-C3025 Datasheet
26Kb / 2P
Process C3025 CMOS 3Um 10 Volt Analog
logo
Samsung semiconductor
KS0084 SAMSUNG-KS0084 Datasheet
567Kb / 17P
CMOS DIGITAL INTERGRATED CIRCUIT
KS5211 SAMSUNG-KS5211 Datasheet
632Kb / 8P
CMOS DIGITAL INTERGRATED CIRCUIT
logo
ON Semiconductor
AR0130 ONSEMI-AR0130 Datasheet
1Mb / 53P
CMOS Digital Image Sensor
Rev. L Pub. 6/15 EN
AR0330 ONSEMI-AR0330 Datasheet
2Mb / 77P
CMOS Digital Image Sensor
Rev. U Pub. 4/15 EN
MT9D015 ONSEMI-MT9D015 Datasheet
1Mb / 75P
CMOS Digital Image Sensor
Rev. M Pub. 4/15 EN
MT9F002 ONSEMI-MT9F002 Datasheet
2Mb / 93P
CMOS Digital Image Sensor
Rev. H Pub. 6/15 EN
AR0833 ONSEMI-AR0833_17 Datasheet
410Kb / 43P
CMOS Digital Image Sensor
March, 2017 ??Rev. 10
logo
Analog Devices
AD9913 AD-AD9913_17 Datasheet
723Kb / 32P
CMOS Direct Digital Synthesizer
11/2017-Rev. B to Rev. C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com