Electronic Components Datasheet Search
  English  ▼

X  

AP1128DA Datasheet(PDF) 1 Page - Anachip Corp

Part # AP1128DA
Description  3A Bus Terminator Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1128DA Datasheet(HTML) 1 Page - Anachip Corp

  AP1128DA Datasheet HTML 1Page - Anachip Corp AP1128DA Datasheet HTML 2Page - Anachip Corp AP1128DA Datasheet HTML 3Page - Anachip Corp AP1128DA Datasheet HTML 4Page - Anachip Corp AP1128DA Datasheet HTML 5Page - Anachip Corp AP1128DA Datasheet HTML 6Page - Anachip Corp AP1128DA Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
3A Bus Terminator Regulator
AP1128
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev.1.0 Jul 20, 2005
1/7
Features
- Ideal for DDR-I and DDR-II applications
- Capable of sourcing and sinking current 1.5A/3A
- Current limiting protection
- Thermal protection
- Current-shoot-through protection
- High accuracy output voltage at full load
- Minimum external components
- Adjustable VOUT by external resistors
- Shutdown for standby or suspend mode operation
with high-impedance output
- TO252-5 and SOP-8 Pb-free Package
Applications
- Mother Board DDR-SDRAM Termination
- Mother Board DDR-II Termination
- Game / Play Station
- Set Top Box
- PCI / AGP Graphics
- IPC
- SCSI-III Bus Termination
General Description
AP1128 is a linear regulator designed as a
cost-effective solution for active termination of DDR
SDRAM. The converting voltage range is from 1.6V
to 6V into a desired output voltage, which is
adjusted by two external resistors. The current
sourcing and sinking capability of the regulator is up
to 1.5A/3A while the output voltage within 2%/3%.
This device provides on-chip thermal shutdown and
current limit functions for circuit tolerance of the
output fault conditions. SO-8 and TO-252-5L
packages are available for all commercial and
industrial surface mount applications.
Pin Assignment
5
3
1V
IN
V
OUT
GND
TO252-5L
( Top View )
2
4
V
CNTL(TAB)
V
REFEN
1
2
3
7
6
5
4
8
(Top View)
V
CNTL
V
CNTL
V
CNTL
V
CNTL
V
IN
GND
V
REFEN
SOP-8L
V
OUT
Pin Descriptions
Pin Name
Descriptions
VIN
Power Input
VCNTL
Gate Drive Voltage
VREFEN
Reference Voltage Input and Chip
Enable
GND
Ground
VOUT
Output Voltage


Similar Part No. - AP1128DA

ManufacturerPart #DatasheetDescription
logo
RFHIC
AP112 RFHIC-AP112 Datasheet
301Kb / 5P
MMIC
logo
Anachip Corp
AP1120 ANACHIP-AP1120 Datasheet
154Kb / 5P
Dual 1A Low Dropout Positive Regulator
Rev. 1.0 Aug.17, 2004
logo
Diodes Incorporated
AP1120 DIODES-AP1120 Datasheet
255Kb / 7P
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1120 Rev. 1
AP1120 DIODES-AP1120 Datasheet
181Kb / 7P
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1120 Rev. 2
AP1120S DIODES-AP1120S Datasheet
255Kb / 7P
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1120 Rev. 1
More results

Similar Description - AP1128DA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML6554 FAIRCHILD-ML6554 Datasheet
386Kb / 14P
3A Bus Termination Regulator
logo
Micro Linear Corporatio...
ML6554 MICRO-LINEAR-ML6554 Datasheet
168Kb / 14P
3A Bus Termination Regulator
logo
List of Unclassifed Man...
CM8500 ETC-CM8500 Datasheet
298Kb / 13P
3A BUS TERMINATOR
CM8500A ETC1-CM8500A Datasheet
409Kb / 13P
3A BUS TERMINATOR
logo
Anachip Corp
AP1127 ANACHIP-AP1127 Datasheet
139Kb / 4P
3A Bus Terminator Regulator
Rev.1.1 Jan 17, 2005
logo
Champion Microelectroni...
CM8500A CHAMP-CM8500A Datasheet
446Kb / 13P
3A BUS TERMINATOR
logo
Unisonic Technologies
UR5516B UTC-UR5516B Datasheet
220Kb / 9P
3A BUS TERMINATION REGULATOR
UR5516C UTC-UR5516C Datasheet
208Kb / 9P
3A BUS TERMINATION REGULATOR
UR5516 UTC-UR5516_15 Datasheet
245Kb / 9P
3A BUS TERMINATION REGULATOR
UR5516A UTC-UR5516A_16 Datasheet
227Kb / 8P
3A BUS TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com