Electronic Components Datasheet Search
  English  ▼

X  

SOCFSS Datasheet(PDF) 1 Page - Suntsu Electronics, Inc.

Part # SOCFSS
Description  Metal Full Size DIP Sinewave OCXO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTSU [Suntsu Electronics, Inc.]
Direct Link  https://suntsu.com/
Logo SUNTSU - Suntsu Electronics, Inc.

SOCFSS Datasheet(HTML) 1 Page - Suntsu Electronics, Inc.

  SOCFSS Datasheet HTML 1Page - Suntsu Electronics, Inc. SOCFSS Datasheet HTML 2Page - Suntsu Electronics, Inc. SOCFSS Datasheet HTML 3Page - Suntsu Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SOCFSS Series
Metal Full Size DIP Sinewave OCXO
20.7mm x 13.1mm
Call: +1-949-783-7300 | Fax: +1-949-783-7301
Specifications are subject
to change without notice.
www.suntsu.com
Suntsu Electronics, Inc.
142 TECHNOLOGY DR., SUITE 150
IRVINE, CA 92618
• ±50ppb (Frequency Stability) Available
• Sinewave
• OCXO
• Military Communication Equipment
• Base Stations
• Test Equipment
• Synthesizers
• Digital Switching
Features
Applications
Frequency Range
Freq. Stability vs. Supply Voltage
Freq. Stability vs. Aging/Year
Freq. Stability vs. Op Temp.
Operating Temperature
Storage Temperature
VDD ±5% Change
See part numbering guide for options.
See part numbering guide for options.
See part numbering guide for options.
VDD
MHz
ppb
ppb
ppb
°C
°C
V
80
+20
+4.6
+60
+85
VDD+5%
10
-20
-4.6
-50
-20
-45
VDD-5%
Supply Voltage (VDD)
+50
Freq. Stability vs. Load
±10% Change
ppb
+20
-20
Frequency Tolerance at +25ºC
ppb
-100
+100
Power Consumption At Turn On
Pullability
VC Input Impedance
Control Voltage (VC)
Deviation Slope
Output Logic (SINEWAVE) Load
Output Logic Waveform
±5.0
Positive
W
ppm
%
V
KΩ
Ω
2.5
±8.0
10
50
±3.0
0.5
50
Output Logic Spurious (Harmonic)
Output Logic Spurious (Non-Harmonic)
dBm
dBc
dBc
-30
-70
7
4.5
Linearity
Power Consumption At 25°C
W
1.0
Symmetry (Duty Cycle)
Start-Up Time
At 25°C After 5Mins.
50
%
ms
55
3
45
Control Middle Voltage
2.5
V
Warm-Up Time
ppb
100
-100
Typical
Units
Electrical Parameters
Maximum
Remarks
Minimum
Cage Code: 4GUT4
To customize your parameters contact a Suntsu representative.
SUNTSU OCXO
FULL SIZE
SINEWAVE
Part Numbering Guide
COMPLIANT
FREQUENCY STABILITY
FREQUENCY
F : ±500ppb
I : ±200ppb
J : ±100ppb
K : ±50ppb
05 : 0°C - +50°C
15 : -10°C - +55°C
27 : -20°C - +70°C
48 : -40°C - +85°C
MHz
SUPPLY VOLTAGE
03 : 3.0V±5%
05 : 5.0V±5%
09 : 9.0V±5%
12 : 12.0V±5%
OPERATING
TEMPERATURE RANGE
SOC FS S 12 K 27 - 10.000M


Similar Part No. - SOCFSS

ManufacturerPart #DatasheetDescription
logo
Suntsu Electronics, Inc...
SOCFSC SUNTSU-SOCFSC Datasheet
466Kb / 3P
Metal Full Size DIP CMOS OCXO
SOCFSC05F05 SUNTSU-SOCFSC05F05 Datasheet
466Kb / 3P
Metal Full Size DIP CMOS OCXO
SOCFSC05F15 SUNTSU-SOCFSC05F15 Datasheet
466Kb / 3P
Metal Full Size DIP CMOS OCXO
SOCFSC05F27 SUNTSU-SOCFSC05F27 Datasheet
466Kb / 3P
Metal Full Size DIP CMOS OCXO
SOCFSC05F37 SUNTSU-SOCFSC05F37 Datasheet
466Kb / 3P
Metal Full Size DIP CMOS OCXO
More results

Similar Description - SOCFSS

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
OFA5AB1BA CONNOR-WINFIELD-OFA5AB1BA Datasheet
153Kb / 2P
14 PIN DIP 5.0V SINEWAVE OCXO
logo
Oscilent Corporation
330-2.0M-5DN-TNC OSCILENT-330-2.0M-5DN-TNC Datasheet
140Kb / 3P
Metal Dip Full Size Clock Oscillators
360-4.000M-3DNTTS OSCILENT-360-4.000M-3DNTTS Datasheet
145Kb / 3P
Metal Dip Full Size Programmable XO
logo
ILSI America LLC
I401 ILSI-I401 Datasheet
43Kb / 2P
Leaded Oscillator, OCXO Metal Package, Full Size DIP
logo
Suntsu Electronics, Inc...
SOC25S SUNTSU-SOC25S Datasheet
353Kb / 3P
Metal DIP Sinewave OCXO
SOC36S SUNTSU-SOC36S Datasheet
447Kb / 3P
Metal DIP Sinewave OCXO
SOC38S SUNTSU-SOC38S Datasheet
445Kb / 3P
Metal DIP Sinewave OCXO
SOCFSC SUNTSU-SOCFSC Datasheet
466Kb / 3P
Metal Full Size DIP CMOS OCXO
SSTFSK SUNTSU-SSTFSK Datasheet
394Kb / 3P
Metal Full Size Dip Stratum 3 Clipped Sinewave (VC)TCXO
STCFSK SUNTSU-STCFSK Datasheet
398Kb / 3P
Metal Full Size Dip Clipped Sinewave (VC)TCXO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com