Electronic Components Datasheet Search
  English  ▼

X  

STC21K Datasheet(PDF) 1 Page - Suntsu Electronics, Inc.

Part # STC21K
Description  Ceramic SMT 6 Pad Clipped Sinewave (VC)TCXO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTSU [Suntsu Electronics, Inc.]
Direct Link  https://suntsu.com/
Logo SUNTSU - Suntsu Electronics, Inc.

STC21K Datasheet(HTML) 1 Page - Suntsu Electronics, Inc.

  STC21K Datasheet HTML 1Page - Suntsu Electronics, Inc. STC21K Datasheet HTML 2Page - Suntsu Electronics, Inc. STC21K Datasheet HTML 3Page - Suntsu Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
STC21K Series
Ceramic SMT 6 Pad Clipped Sinewave (VC)TCXO
2.0mm x 1.6mm
Call: +1-949-783-7300 | Fax: +1-949-783-7301
Specifications are subject
to change without notice.
www.suntsu.com
Suntsu Electronics, Inc.
142 TECHNOLOGY DR., SUITE 150
IRVINE, CA 92618
• ±0.5ppm (Frequency Stability) Available
• Clipped Sinewave
• (VC)TCXO
• Tape and Reel
• GPS
• Mobile Communication Equipment
• IoT, Wearable Electronics
• WiMAX, WLAN
Features
Applications
Frequency Range
Storage Temperature
Freq. Stability vs. Op Temp.
Supply Voltage (VDD) - 3.0V Option
See part numbering guide for options.
See part numbering guide for options.
3.0
MHz
°C
ppm
V
52
+85
3.15
10
-40
-0.5
2.85
Current (IDD) - 10MHz - 26MHz
Control Voltage (VCTCXO) - 1.8V
mA
V
1.5
1.5
0.3
+0.5
Operating Temperature
See part numbering guide for options.
°C
+85
-40
Frequency Tolerance at +25ºC
ppm
-2.0
+2.0
Control Voltage (VCTCXO) - 2.5V
Output Load (Clipped Sinewave)
VC Input Impedance (VCTCXO)
At 19.2MHz
50
V
kΩ//pF
%
ms
kΩ
2.4
60
2.0
0.4
40
500
Phase Noise (Typical) 100Hz Offset
Phase Noise (Typical) 1KHz Offset
Phase Noise (Typical) 10KHz Offset
At 19.2MHz
At 19.2MHz
-115
-135
dBc/Hz
dBc/Hz
10//10
Start-Up Time
Pullability (VCTCXO)
ppm
±5.0
-148
dBc/Hz
Output Logic Levels
VP-P
0.8
Symmetry (Duty Cycle)
Freq. Stability vs. Supply Voltage
VDD±5% change.
ppm
-0.2
+0.2
Freq. Stability vs. Load
±10% change
ppm
-0.2
+0.2
Freq. Stability vs. Aging
1 Year
ppm
-1.0
+1.0
Current (IDD) - 26MHz - 52MHz
mA
2.0
Control Voltage (VCTCXO) - 2.8/3.0/3.3
V
2.5
0.5
STC 21 K 18 R 48 V G - 52.000M
Cage Code: 4GUT4
To customize your parameters contact a Suntsu representative.
SUNTSU TCXO
2.0mm x 1.6mm
CLIPPED SINEWAVE
Part Numbering Guide
COMPLIANT
FREQUENCY STABILITY
FREQUENCY
O : ±2.5ppm
P : ±2.0ppm
Q : ±1.5ppm
R : ±1.0ppm
F : ±0.5ppm
07 : 0°C - +70°C
16 : -10°C - +60°C
17 : -10°C - +70°C
27 : -20°C - +70°C
38 : -30°C - +85°C
48 : -40°C - +85°C
MHz
SUPPLY VOLTAGE
18 : 1.8V±5%
25: 2.5V±5%
28: 2.8V±5%
30: 3.0V±5%
33: 3.3V±5%
PULLABILITY
BLANK : TCXO
G : ±5.0ppm
TCXO/VCTCXO
BLANK : TCXO
V : VCTCXO
OPERATING
TEMPERATURE RANGE
Typical
Units
Electrical Parameters
Maximum
Remarks
Minimum


Similar Part No. - STC21K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
STC2.2-10C1 VISHAY-STC2.2-10C1 Datasheet
363Kb / 7P
Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
10-Dec-07
STC2.2-15N1 VISHAY-STC2.2-15N1 Datasheet
363Kb / 7P
Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
10-Dec-07
STC2.2-25C2 VISHAY-STC2.2-25C2 Datasheet
363Kb / 7P
Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
10-Dec-07
STC2.2-25N2 VISHAY-STC2.2-25N2 Datasheet
363Kb / 7P
Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
10-Dec-07
STC2.2-2C0 VISHAY-STC2.2-2C0 Datasheet
363Kb / 7P
Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
10-Dec-07
More results

Similar Description - STC21K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CVTC325B5 ETC2-CVTC325B5 Datasheet
35Kb / 1P
4 Pad Clipped Sinewave VC - TCXO Oscillator
STE325DS5 ETC2-STE325DS5 Datasheet
40Kb / 1P
6 Pad Clipped Sinewave TCXO Oscillator
logo
Caliber Electronics Inc...
CVTC CALIBER-CVTC Datasheet
40Kb / 1P
4 Pad Clipped Sinewave VC - TCXO Oscillator
STE315AT5 CALIBER-STE315AT5 Datasheet
45Kb / 1P
6 Pad Clipped Sinewave TCXO Oscillator
logo
Suntsu Electronics, Inc...
SST75K SUNTSU-SST75K Datasheet
870Kb / 4P
Ceramic Stratum 3 SMT 10 Pad Clipped Sinewave (VC)TCXO
STC11K SUNTSU-STC11K Datasheet
335Kb / 3P
Ceramic SMD 4 Pad Clipped Sinewave (VC)TCXO
STC22K SUNTSU-STC22K Datasheet
600Kb / 3P
Ceramic SMT 4 Pad Clipped Sinewave (VC)TCXO
STC32K SUNTSU-STC32K Datasheet
902Kb / 4P
Ceramic SMT 4 Pad Clipped Sinewave (VC)TCXO
STC53K SUNTSU-STC53K Datasheet
837Kb / 4P
Ceramic SMT 4 Pad Clipped Sinewave (VC)TCXO
STC75K SUNTSU-STC75K Datasheet
788Kb / 4P
Ceramic SMT 10 Pad Clipped Sinewave (VC)TCXO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com