Electronic Components Datasheet Search
  English  ▼

X  

CD4148WP Datasheet(PDF) 6 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # CD4148WP
Description  Silicon epitaxial planar diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

CD4148WP Datasheet(HTML) 6 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  CD4148WP Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd CD4148WP Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd CD4148WP Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd CD4148WP Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd CD4148WP Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd CD4148WP Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Storage Condition: Product termination solderability can degrade due to high temperature and
humidity or chemical environment. Storage condition must be in an ambient temperature of <40oC
and ambient humidity of <75%RH, and free from chemical.
ENVIRONMENTAL CHARACTERISTICS
Hazardous Substance or Element/ppm
Pb
Cd
Hg
Cr6+
PBB
PBDE
Product
<1000
<100
<1000
<1000
<1000
<1000
Halogen Substance/ ppm
F
Cl
Br
I
Total
Product
<900
<900
<900
<900
<1500
PACKING METHOD
Quality/Reel
Reel Size
Tape
Product
5,000pcs
7”
Paper
CD4148WP
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev :
www.leiditech.com
01.06.2019
6/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com