| Electronic Components Datasheet Search |
|
SN74HCS164 Datasheet(PDF) 9 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74HCS164 Datasheet(HTML) 9 Page - Texas Instruments |
|
9 / 29 page ![]() 8 Detailed Description 8.1 Overview The SN74HCS164-Q1 is an 8-bit shift register with 2 serial inputs (A and B) connected through an AND gate, as well as an asynchronous clear (CLR). The device requires a high signal on both A and B in order to set the input data line high; a low signal on either input will set the input data line low. Data at A and B can be changed while CLK is high or low, provided that the minimum set-up time requirements are met. The CLK pin of the SN74HCS164-Q1 is rising-edge triggered, activating on the transition from LOW to HIGH. Upon a positive-edge trigger, the device will store the result of the (A ● B) input data line in the first register and propagate each register’s data to the next register. The data of the last register, QH, will be discarded at each clock trigger. If a low signal is applied to the CLR pin, then the SN74HCS164-Q1 will set all registers to a logical low value immediately. 8.2 Functional Block Diagram CLK CLR A B D R D R D R D R D R D R D R D R QA QB QC QD QE QF QG QH 8 1 2 9 3 4 5 6 10 11 12 13 Q Q Q Q Q Q Q Q Figure 8-1. Logic Diagram (Positive Logic) for SN74HCS164-Q1 8.3 Feature Description 8.3.1 Balanced CMOS Push-Pull Outputs This device includes balanced CMOS push-pull outputs. The term "balanced" indicates that the device can sink and source similar currents. The drive capability of this device may create fast edges into light loads so routing and load conditions should be considered to prevent ringing. Additionally, the outputs of this device are capable of driving larger currents than the device can sustain without being damaged. It is important for the output power of the device to be limited to avoid damage due to overcurrent. The electrical and thermal limits defined in the Absolute Maximum Ratings must be followed at all times. Unused push-pull CMOS outputs should be left disconnected. 8.3.2 CMOS Schmitt-Trigger Inputs This device includes inputs with the Schmitt-trigger architecture. These inputs are high impedance and are typically modeled as a resistor in parallel with the input capacitance given in the Electrical Characteristics table from the input to ground. The worst case resistance is calculated with the maximum input voltage, given in the Absolute Maximum Ratings table, and the maximum input leakage current, given in the Electrical Characteristics table, using Ohm's law (R = V ÷ I). The Schmitt-trigger input architecture provides hysteresis as defined by ΔVT in the Electrical Characteristics table, which makes this device extremely tolerant to slow or noisy inputs. While the inputs can be driven much slower than standard CMOS inputs, it is still recommended to properly terminate unused inputs. Driving the inputs with slow transitioning signals will increase dynamic current consumption of the device. For additional information regarding Schmitt-trigger inputs, please see Understanding Schmitt Triggers. www.ti.com SN74HCS164-Q1 SCLS808A – JUNE 2020 – REVISED MARCH 2021 Copyright © 2021 Texas Instruments Incorporated Submit Document Feedback 9 Product Folder Links: SN74HCS164-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |