Electronic Components Datasheet Search
  English  ▼

X  

M2XUM Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M2XUM
Description  Super-mini Signal Conditioners Mini-M Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2XUM Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M2XUM Datasheet HTML 1Page - M-System Co.,Ltd. M2XUM Datasheet HTML 2Page - M-System Co.,Ltd. M2XUM Datasheet HTML 3Page - M-System Co.,Ltd. M2XUM Datasheet HTML 4Page - M-System Co.,Ltd. M2XUM Datasheet HTML 5Page - M-System Co.,Ltd. M2XUM Datasheet HTML 6Page - M-System Co.,Ltd. M2XUM Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MODEL: M2XUM
M2XUM SPECIFICATIONS
ES-5009 Rev.19 Page 1/7
http://www.m-system.co.jp/
Super-mini Signal Conditioners Mini-M Series
UNIVERSAL TRANSMITTER
(PC programmable; Modbus-RTU communication)
Functions & Features
• Accepts direct inputs from various sensors and provides a
standard process signal
• I/O types and calibration ranges are fully programmable
via a PC
• Linearization up to 100 points can be programmed for DC
and potentiometer inputs
• Isolation between input – output – RS-485 – power
Typical Applications
• Signal conversion between control room and field
instrumentation with isolation
• Ideal for use as a fast solution, multifunctional spare part
29.5 (1.16)
76
(2.99)
124
(4.88)
Model
mm (inch)
MODEL: M2XUM–[1][2]–[3][4]
ORDERING INFORMATION
• Code number: M2XUM-[1][2]-[3][4]
Specify a code from below for each of [1] through [4].
(e.g. M2XUM-00-M2/CE/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01)
Non-specified orders will be shipped at default factory
settings (M2XUM-00: 4 – 20 mA input/4 – 20 mA output).
However, the power suffix code must be specified.
If you specify full code numbers without specific calibration
ranges, default settings will be used.
Note: Must be used with its socket. NOT installable to a
multi-unit installation base. (e.g. model: M2BS-16)
[1] INPUT
0: User-calibrated (Factory default: 4 – 20 mA DC)
If the unit is to be factory-calibrated to a specific
input type, please select from the following:
Current
Z1: Range 0 – 50 mA DC (Input resistance 100 Ω)
Voltage
S1: Range -1 – +1 V DC (Input resistance 1 MΩ min.)
S2: Range -10 – +10 V DC (Input resistance 1 MΩ min.)
Thermocouple
T1: (PR) (Usable Range 0 to 1760°C, 32 to 3200°F)
T2: K (CA) (Usable range -270 to +1370°C, -454 to +2498°F)
T3: E (CRC) (Usable range -270 to +1000°C, -454 to +1832°F)
T4: J (IC) (Usable range -210 to +1200°C, -346 to +2192°F)
T5: T (CC) (Usable range -270 to +400°C, -454 to +752°F)
T6: B (RH) (Usable range 0 to 1820°C, 32 to 3308°F)
T7: R (Usable range -50 to +1760°C, -58 to +3200°F)
T8: S (Usable range -50 to +1760°C, -58 to +3200°F)
T9: C (WRe 5-26) (Usable range 0 to 2315°C, 32 to 4199°F)
TN: N (Usable range -270 to +1300°C, -454 to +2372°F)
TU: U (Usable range -200 to +400°C, -328 to +752°F)
TL: L (Usable range -200 to +900°C, -328 to +1652°F)
TP: P (Platinel II) (Usable range 0 to 1395°C, 32 to 2543°F)
T0: Specify (Please provide an emf table.)
RTD
(2- or 3-wire)
R1: JPt 100 (JIS'89)
(Usable range: -200 to +500°C, -328 to +932°F)
R3: Pt 100 (JIS'89)
(Usable range: -200 to +850°C, -328 to +1562°F)
R4: Pt 100 (JIS'97, IEC)
(Usable range: -200 to +850°C, -328 to +1562°F)
R5: Pt 50 Ω (JIS'81)
(Usable range: -200 to +649 °C, -328 to +1200°F)
R6: Ni 508.4 Ω
(Usable range: -50 to +200°C, -58 to +392°F)
R7: Pt 1000
(Usable range: -200 to +200°C, -328 to +392°F)
R8: Ni 100 (Usable range: -50 to +200°C, -58 to +392°F)
R9: Cu 10 @25°C
(Usable range: -50 to +200°C, -58 to +392°F)
R0: Specify (Please provide a resistance table.)
Potentiometer
M: Total resistance 100 Ω – 10 kΩ
Note: Consult M-System for 2-wire RTD
[2] OUTPUT
0: User-calibrated (Factory default: 4 – 20 mA DC)
If the unit is to be factory-calibrated to a specific
output type, please select from the following:
Current
Z1: Range 0 – 20 mA DC
Voltage
V1: Range -2.5 – +2.5 V DC
V2: Range -10 – +10 V DC


Similar Part No. - M2XUM

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M2XU MSYSTEM-M2XU Datasheet
130Kb / 6P
Super-mini Signal Conditioners Mini-M Series
M2XU-00-M2 MSYSTEM-M2XU-00-M2 Datasheet
130Kb / 6P
Super-mini Signal Conditioners Mini-M Series
M2XU-00-M2/CE MSYSTEM-M2XU-00-M2/CE Datasheet
130Kb / 6P
Super-mini Signal Conditioners Mini-M Series
M2XU-00-M2/N MSYSTEM-M2XU-00-M2/N Datasheet
130Kb / 6P
Super-mini Signal Conditioners Mini-M Series
M2XU-00-M2/Q MSYSTEM-M2XU-00-M2/Q Datasheet
130Kb / 6P
Super-mini Signal Conditioners Mini-M Series
More results

Similar Description - M2XUM

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M2AP MSYSTEM-M2AP Datasheet
133Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2AMS2 MSYSTEM-M2AMS2 Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2DYS MSYSTEM-M2DYS Datasheet
106Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2DYHR MSYSTEM-M2DYHR Datasheet
107Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2BW MSYSTEM-M2BW Datasheet
88Kb / 2P
Super-mini Signal Conditioners Mini-M Series
M2LMS MSYSTEM-M2LMS Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2FV MSYSTEM-M2FV Datasheet
113Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2PHS2 MSYSTEM-M2PHS2 Datasheet
128Kb / 5P
Super-mini Signal Conditioners Mini-M Series
M2XV2 MSYSTEM-M2XV2 Datasheet
118Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2VF MSYSTEM-M2VF Datasheet
111Kb / 6P
Super-mini Signal Conditioners Mini-M Series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com