Electronic Components Datasheet Search
  English  ▼

X  

RB481Y Datasheet(PDF) 2 Page - Rohm

Part # RB481Y
Description  Schottky barrier diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB481Y Datasheet(HTML) 2 Page - Rohm

  RB481Y Datasheet HTML 1Page - Rohm RB481Y Datasheet HTML 2Page - Rohm RB481Y Datasheet HTML 3Page - Rohm RB481Y Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RB481Y
Diodes
Rev.B
2/3
Electrical characteristic curves (Ta=25
°C)
0.01
0.1
1
10
100
1000
10000
100000
010
20
30
Ta=125℃
Ta=75℃
Ta=25℃
Ta=-25℃
FORWARD VOLTAGE:VF(mV)
VF-IF CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
VF DISPERSION MAP
IR DISPERSION MAP
Ct DISPERSION MAP
IFSM DISPERSION MAP
NUMBER OF CYCLES
IFSM-CYCLE CHARACTERISTICS
TIME:t(ms)
IFSM-t CHARACTERISTICS
TIME:(s)
Rth-t CHARACTERISTICS
AVERAGE RECTIFIED
FORWARD CURRENT:Io(A)
Io-Pf CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-PR CHARACTERISTICS
0.001
0.01
0.1
1
10
100
1000
0
100
200
300
400
500
Ta=125℃
Ta=75℃
Ta=25℃
Ta=-25℃
0
5
10
15
20
25
30
35
40
45
50
Ta=25℃
VR=10V
n=30pcs
AVE:4.775uA
12
13
14
15
16
AVE:14.33pF
0
5
10
15
20
AVE:5.60A
8.3ms
Ifsm
1cyc
0
5
10
110
100
8.3ms
Ifsm
1cyc
8.3ms
0
5
10
1
10
100
t
Ifsm
10
100
1000
0.001
0.1
10
1000
Rth(j-a)
Rth(j-c)
1ms
IM=10mA
IF=100mA
300us
time
Mounted on epoxy board
0
0.1
0.2
0.3
0
0.1
0.2
0.3
0.4
0.5
0
0.1
0.2
0.3
0.4
0.5
010
20
30
Sin(θ=180)
D=1/2
DC
1
10
100
0
5
10
15
20
f=1MHz
Ta=25℃
f=1MHz
VR=0V
n=10pcs
Per chip
VF分布
310
320
330
340
350
360
AVE:340.2mV
Ta=25℃
IF=100mA
n=30pcs
DC
D=1/2
Sin(θ=180)
Per chip



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com