Electronic Components Datasheet Search
  English  ▼

X  

TA8227AP Datasheet(PDF) 2 Page - Unisonic Technologies

Part # TA8227AP
Description  LOW FREQUENCY POWER AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TA8227AP Datasheet(HTML) 2 Page - Unisonic Technologies

  TA8227AP Datasheet HTML 1Page - Unisonic Technologies TA8227AP Datasheet HTML 2Page - Unisonic Technologies TA8227AP Datasheet HTML 3Page - Unisonic Technologies TA8227AP Datasheet HTML 4Page - Unisonic Technologies TA8227AP Datasheet HTML 5Page - Unisonic Technologies TA8227AP Datasheet HTML 6Page - Unisonic Technologies TA8227AP Datasheet HTML 7Page - Unisonic Technologies TA8227AP Datasheet HTML 8Page - Unisonic Technologies TA8227AP Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
UTCTA8227AP LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD. 2
QW-R107-021,A
APPLICATION INFORMATION AND APPLICATION METHOD
1. Adjustment of voltage gain
The voltage gain Gv is obtained as follows by R1, R2 and Rf in Fig.1
When Rf=0
Ω
Gv=56.5 dB (Typ.)
When Rf=120
Ω
Gv=45 dB (Typ.)
By increasing Rf, reduction of Gv is possible. However, since the feedback increase is liable to produce
oscillation, it is recommended to use this at 40dB or over.
2. Thermal shut-down circuit
The thermal shut-down circuit is built in for the purpose of preventing the destruction of IC due to the abnormal
temperature rise when the heat radiation is insufficient.
The operation temperature is set at radiation Fin temperature 175
°C (Typ.)
At this temperature or over the bias is interrupted to prevent the destruction of IC.
3. Input stage
The input circuit of this IC is as shown in fig.2. PNP Tr : Q1 is provided in the input circuit so as to make its usage
possible without the input coupling capacitor.
However, at pin 6 and pin 7, max 60mV offset voltage is produced.
Application after checking volume slide noise is recommended.
For cutting the volume slide noise, insert the input capacitor: CIN in series to interrupt the DC component.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com