Electronic Components Datasheet Search
  English  ▼

X  

K2000 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # K2000
Description  High voltage lamp ignitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

K2000 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  K2000 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd K2000 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd K2000 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd K2000 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd K2000 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd K2000 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
General Description
The sidac is a silicon bilateral voltage triggered switch with greater power-handling
capabilities than standard diacs.Upon application of a voltage exceeding the sidac
breakover voltage point,the sidac switches on through a negative resistance region to a
low on-state voltage. Conduction continues until the current is interrupted or drops below
the minimum holding current of the device.
Sanyan’s offers a voltage range of 79V to 600V in DO-15,TO-92 ,SMA(DO214AC)or
SMB(DO-214AA) package.
Sanyan’s sidacs feature glass passivated junctions to ensure a rugged and dependable
device capable of withstanding harsh environments.
Variations of devices covered in this data sheet are available for custom design
applications. Consult the factory for more information.
Applications
Features
◆
High voltage lamp ignitors
●
AC circuit oriented
◆
Natural gas ignitors
●
Glass-passivated junctions
◆
Gas oil ignitors
●
High surge current capability
◆
High voltage power supplies
◆
Xenon ignitors
◆
Over voltae protector
◆
Fluorescent lighting ignitors
◆
HID surge current capability
K Series
Rev :
www.leiditech.com
01.06.2018
1/6


Similar Part No. - K2000

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
K2000 LEIDITECH-K2000 Datasheet
1Mb / 2P
Silicon Bilateral Voltage Triggered Switch
logo
Teccor Electronics
K2000E70 TECCOR-K2000E70 Datasheet
269Kb / 6P
silicon bilateral voltage triggered switch
K2000E70 TECCOR-K2000E70 Datasheet
2Mb / 224P
Thyristor Product Catalog
logo
Littelfuse
K2000E70 LITTELFUSE-K2000E70 Datasheet
181Kb / 7P
High-voltage lamp ignitors
K2000E70AP LITTELFUSE-K2000E70AP Datasheet
1Mb / 12P
Teccor짰 brand Thyristors Standard Bidirectional SIDACs
More results

Similar Description - K2000

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV823 SUTEX-HV823 Datasheet
391Kb / 8P
High Voltage EL Lamp Driver
HV825 SUTEX-HV825 Datasheet
327Kb / 4P
High Voltage EL Lamp Driver
logo
IMP, Inc
IMP528 IMP-IMP528 Datasheet
134Kb / 6P
HIGH-VOLTAGE EL LAMP DRIVER
IMP803 IMP-IMP803 Datasheet
162Kb / 8P
HIGH-VOLTAGE EL LAMP DRIVER
logo
Supertex, Inc
HV803 SUTEX-HV803 Datasheet
80Kb / 8P
High-Voltage EL Lamp Driver
HV8051 SUTEX-HV8051 Datasheet
53Kb / 4P
High-Voltage EL Lamp Driver
HV829A SUTEX-HV829A Datasheet
42Kb / 4P
High Voltage EL Lamp Driver
HV833 SUTEX-HV833_07 Datasheet
812Kb / 10P
High Voltage EL Lamp Driver
logo
Littelfuse
K1500SRP LITTELFUSE-K1500SRP Datasheet
181Kb / 7P
High-voltage lamp ignitors
logo
Supertex, Inc
HV833 SUTEX-HV833_13 Datasheet
1,009Kb / 8P
High Voltage EL Lamp Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com