Electronic Components Datasheet Search
  English  ▼

X  

WM8569GEDS Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM8569GEDS
Description  24-bit, 192kHz Stereo CODEC with Volume Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8569GEDS Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM8569GEDS Datasheet HTML 3Page - Wolfson Microelectronics plc WM8569GEDS Datasheet HTML 4Page - Wolfson Microelectronics plc WM8569GEDS Datasheet HTML 5Page - Wolfson Microelectronics plc WM8569GEDS Datasheet HTML 6Page - Wolfson Microelectronics plc WM8569GEDS Datasheet HTML 7Page - Wolfson Microelectronics plc WM8569GEDS Datasheet HTML 8Page - Wolfson Microelectronics plc WM8569GEDS Datasheet HTML 9Page - Wolfson Microelectronics plc WM8569GEDS Datasheet HTML 10Page - Wolfson Microelectronics plc WM8569GEDS Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Product Preview
WM8569
w
PP Rev 1.1 December 2005
7
Test Conditions
AVDD, VREFP = 5V, DVDD = 3.3V, AGND, VREFN = 0V, DGND = 0V, TA = +25
oC, fs = 48kHz, MCLK = 256fs.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Mute Attenuation
1kHz Input, 0dB gain
90
dB
1kHz 100mVpp
50
dB
Power Supply Rejection Ratio
PSRR
20Hz to 20kHz
100mVpp
45
dB
Digital Logic Levels (CMOS Levels)
Input LOW level
VIL
0.3 x DVDD
V
Input HIGH level
VIH
0.7 x DVDD
V
Input leakage current
±0.2
±1
µA
Input capacitance
5
pF
Output LOW
VOL
IOL=1mA
0.1 x DVDD
V
Output HIGH
VOH
IOH= -1mA
0.9 x DVDD
V
Analogue Reference Levels
Reference voltage
VVMID
VREFP/2 –
50mV
VREFP/2
VREFP/2 +
50mV
V
Potential divider resistance
RVMID
VREFP to VMID and
VMID to VREFN
50
kΩ
Supply Current
Analogue supply current
AVDD, VREFP = 5V
TBD
mA
Digital supply current
DVDD = 3.3V
TBD
mA
Notes:
1.
Ratio of output level with 1kHz full scale input, to the output level with all zeros into the digital input, measured ‘A’
weighted.
2.
All performance measurements done with 20kHz low pass filter, and where noted an A-weight filter. Failure to use
such a filter will result in higher THD+N and lower SNR and Dynamic Range readings than are found in the Electrical
Characteristics. The low pass filter removes out of band noise; although it is not audible it may affect dynamic
specification values.
3.
VMID decoupled with 10uF and 0.1uF capacitors (smaller values may result in reduced performance).
TERMINOLOGY
1.
Signal-to-noise ratio (dB) - SNR is a measure of the difference in level between the full scale output and the output
with no signal applied. (No Auto-zero or Automute function is employed in achieving these results).
2.
Dynamic range (dB) - DNR is a measure of the difference between the highest and lowest portions of a signal.
Normally a THD+N measurement at 60dB below full scale. The measured signal is then corrected by adding the 60dB
to it. (e.g. THD+N @ -60dB= -32dB, DR= 92dB).
3.
THD (dB) - THD is a ratio, of the rms values, of Distortion/Signal.
4.
Stop band attenuation (dB) - Is the degree to which the frequency spectrum is attenuated (outside audio band).
5.
Channel Separation (dB) - Also known as Cross-Talk. This is a measure of the amount one channel is isolated from
the other. Normally measured by sending a full scale signal down one channel and measuring the other.
6.
Pass-Band Ripple - Any variation of the frequency response in the pass-band region.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com